Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40430S14-C Datasheet(PDF) 1 Page - Xicor Inc.

Part # X40430S14-C
Description  4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40430S14-C Datasheet(HTML) 1 Page - Xicor Inc.

  X40430S14-C Datasheet HTML 1Page - Xicor Inc. X40430S14-C Datasheet HTML 2Page - Xicor Inc. X40430S14-C Datasheet HTML 3Page - Xicor Inc. X40430S14-C Datasheet HTML 4Page - Xicor Inc. X40430S14-C Datasheet HTML 5Page - Xicor Inc. X40430S14-C Datasheet HTML 6Page - Xicor Inc. X40430S14-C Datasheet HTML 7Page - Xicor Inc. X40430S14-C Datasheet HTML 8Page - Xicor Inc. X40430S14-C Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV 1.2.3 11/28/00
Characteristics subject to change without notice.
1 of 24
www.xicor.com
Preliminary Information
4kbit EEPROM
X40430/X40431
Triple Voltage Monitor with Integrated CPU Supervisor
FEATURES
• Triple voltage detection and reset assertion
—Three standard reset threshold settings
(4.6V/2.9V/1.7V, 4.4V/2.6V/1.7V,
2.9V/1.7V/2.4V)
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three voltages or detect power fail
• Fault detection register
• Selectable power on reset timeout
• Selectable watchdog timer interval
• Debounced manual reset input
• Low power CMOS
—30µA typical standby current, watchdog on
—10µA typical standby current, watchdog off
• 4Kbits of EEPROM
—16 byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect 0, 1/4, 1/2, all of EEPROM
• 400kHz I2C interface
• 2.4V to 5.5V power supply operation
• Available packages
—14-lead SOIC, TSSOP
DESCRIPTION
The X40430/31 combines power-on reset control,
watchdog timer, supply voltage supervision, secondary
and third voltage supervision, manual reset, and Block
Lockprotect serial EEPROM in one package. This
combination lowers system cost, reduces board space
requirements, and increases reliability.
Applying voltage to VCC activates the power on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and system oscillator
to stabilize before the processor can execute code.
Low VCC detection circuitry protects the user’s system
from low voltage conditions, resetting the system when
VCC falls below the minimum VTRIP1 point. RESET/
RESET is active until VCC returns to proper operating
level and stabilizes. A second and third voltage monitor
circuit tracks the unregulated supply to provide a
power fail warning or monitors different power supply
voltage. Three common low voltage combinations are
available, however, Xicor’s unique circuits allows the
threshold for either voltage monitor to be repro-
grammed to meet special needs or to fine-tune the
threshold for applications requiring higher precision.
BLOCK DIAGRAM
V3FAIL
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40430
X40431
+
-
V3 Monitor
Logic
V2 Monitor
Logic
VTRIP2
Fault Detection
Register
Status
Register
EEPROM
Array
Data
Register
Command
Decode Test
& Control
Logic
Power on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V3MON
V2MON
SDA
WP
SCL
VCC
(V1MON)
+
-
VTRIP3
+
-
VTRIP1
Watchdog
and
Reset Logic


Similar Part No. - X40430S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430S14-C INTERSIL-X40430S14-C Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40430S14-C INTERSIL-X40430S14-C Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430S14-C RENESAS-X40430S14-C Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results

Similar Description - X40430S14-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com