Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3LN01SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LN01SS
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LN01SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LN01SS Datasheet HTML 1Page - Sanyo Semicon Device 3LN01SS Datasheet HTML 2Page - Sanyo Semicon Device 3LN01SS Datasheet HTML 3Page - Sanyo Semicon Device 3LN01SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3LN01SS
No.6546-3/4
0.01
0.6
0.5
0.8
0.7
0.9
1.0
1.1
1.2
0.1
1.0
7
5
3
2
7
5
3
2
VGS=0
0
2
4
6
8
10
12
14
16
18
20
1.0
10
7
5
3
2
7
5
3
2
100
Ciss
Coss
Crss
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
7
8
9
10
VDS=10V
ID=150mA
0.01
10
0.1
23
5
7
2
1000
100
7
5
3
2
7
5
3
2
VDD=15V
VGS=4V
td(on)
tr
tf
td(off)
--60
0
--40
--20
1
020
2
40
60
3
4
5
6
7
80
100
120
140
160
I D
=40mA,
V GS
=2.5V
ID=80mA,
VGS
=4.0V
0.01
0.01
0.1
23
5
7
2
3
0.1
7
5
3
2
7
5
3
2
1.0
5
VDS=10V
75°
C
Ta= -
-25°
C
25°C
0.01
0.1
23
5
7
2
3
10
1.0
7
5
3
2
5
VGS=2.5V
0.001
1.0
0.01
23
5
7
2
3
100
10
7
5
3
2
7
5
3
2
5
VGS=1.5V
Ta=75
°C
25
°C
--25
°C
--25
°C
25
°C
Ta=75
°C
Diode Forward Voltage, VSD -- V
IF -- VSD
Drain Current, ID -- A
SW Time -- ID
IT00037
IT00038
Drain Current, ID -- A
yfs -- ID
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
IT00035
IT00036
Drain Current, ID -- A
RDS(on) -- ID
Drain Current, ID -- A
RDS(on) -- ID
IT00033
IT00034
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT00039
IT00040
Total Gate Charge, Qg -- nC


Similar Part No. - 3LN01SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LN01SS SANYO-3LN01SS Datasheet
85Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
3LN01SS ONSEMI-3LN01SS Datasheet
258Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
logo
Sanyo Semicon Device
3LN01SS-TL-E SANYO-3LN01SS-TL-E Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
3LN01SS-TL-E ONSEMI-3LN01SS-TL-E Datasheet
258Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
logo
Sanyo Semicon Device
3LN01SS-TL-H SANYO-3LN01SS-TL-H Datasheet
533Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 3LN01SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com