Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7961RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7961RHBR
Description  Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7961RHBR Datasheet(HTML) 1 Page - Texas Instruments

  TRF7961RHBR Datasheet HTML 1Page - Texas Instruments TRF7961RHBR Datasheet HTML 2Page - Texas Instruments TRF7961RHBR Datasheet HTML 3Page - Texas Instruments TRF7961RHBR Datasheet HTML 4Page - Texas Instruments TRF7961RHBR Datasheet HTML 5Page - Texas Instruments TRF7961RHBR Datasheet HTML 6Page - Texas Instruments TRF7961RHBR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TRF7960/61
SLOS504 – AUGUST 2006
Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog
Front End and Data Framing Reader System
Ultra-low power modes
Completely integrated protocol handling
– Power down < 1
µA
(OSI Model Layer 3 and below)
– Standby 120
µA
Separate internal high-PSRR power supplies
– Active (Rx only) 10 mA
for analog, digital, and PA sections provides
Parallel 8-Bit or Serial 4-pin SPI interface with
noise isolation for superior read range and
MCU using 12-byte FIFO
reliability
Ultra-small 32-pin QFN Package (5x5mm)
Dual receiver input with AM and PM
Available tools
demodulation to minimize communication
– Reference design/EVM with development
holes (patent pending).
software
Receiver AM and PM RSSI
– Source code available for MSP430
Reader-to-reader anti-collision
High Integration reduces total BOM and
board area
Secure access control
– Single external 13.56 MHz crystal oscillator
Product authentication
– MCU-selectable clock-frequency output of
– Printer ink cartridges
RF, RF/2, or RF/4
– Blood glucose monitors
– Adjustable 20 mA, high-PSRR LDO for
Contactless payment systems
powering external MCU
Easy to use with high flexibility
– Auto-configured default modes for each
The TRF7960/61 is an integrated analog front end &
supported ISO protocol
data framing system for a 13.56 MHz RFID reader
– 11 user-programmable registers
system.
Built-in
programming
options
make
it
suitable for a wide range of applications both in
– Selectable receiver gain and AGC
proximity and vicinity RFID systems.
– Programmable output power
The reader is configured by selecting the desired
(100 mW or 200 mW)
protocol in the control registers. Direct access to all
– Adjustable ASK Modulation Range
control registers allows fine tuning of various reader
(8% to 30%)
parameters as needed.
– Built in receiver bandpass filter with user
selectable corner frequencies
Wide operating voltage range of 2.7 to 5.5 V
PRODUCT SELECTION TABLE
PROTOCOLS
DEVICE
ISO14443A/B
ISO15693
Tag-it™
HF-EPC
106 kbps
212 kbps
424 kbps
848 kbps
TRF7960
X
X
X
X
X
X
X
TRF7961
X
X
X
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Tag-it is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF7961RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7961RHBR TI-TRF7961RHBR Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7961RHBR TI1-TRF7961RHBR Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7961RHBR TI1-TRF7961RHBR Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7961RHBRG4 TI1-TRF7961RHBRG4 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
More results

Similar Description - TRF7961RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Tyco Electronics
PM07507-E MACOM-PM07507-E Datasheet
1Mb / 16P
   RFID (Radio Frequency Identification)
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com