Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79533 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS79533
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79533 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79533 Datasheet HTML 2Page - Texas Instruments TPS79533 Datasheet HTML 3Page - Texas Instruments TPS79533 Datasheet HTML 4Page - Texas Instruments TPS79533 Datasheet HTML 5Page - Texas Instruments TPS79533 Datasheet HTML 6Page - Texas Instruments TPS79533 Datasheet HTML 7Page - Texas Instruments TPS79533 Datasheet HTML 8Page - Texas Instruments TPS79533 Datasheet HTML 9Page - Texas Instruments TPS79533 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
−40 −25 −10 5
20 35 50 65 80 95 110 125
VIN = 2.9 V
COUT = 10 µF
IOUT = 500 mA
TJ (°C)
25
50
75
100
125
150
175
0
0
10
20
30
40
50
0.001
0.0047
0.01
0.1
CNR (µF)
IOUT = 500 mA
COUT= 10 µF
BW = 100 Hz to 100 kHz
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k 100 k 1 M
10 M
IOUT = 1 mA
VIN = 4 V
COUT = 10 µF
CNR = 0.1 µF
IOUT = 500 mA
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M 10 M
IOUT = 500 mA
IOUT = 1 mA
VIN = 4 V
COUT = 2.2 µF
CNR = 0.1 µF
Frequency (Hz)
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.75
3
0
100
200
300
400
600
Enable
t (
µs)
VIN = 4 V
COUT = 10 µF
IOUT = 0.5 A
CNR = 0.01 µF
CNR = 0.001 µF
CNR = 0.0047 µF
500
2.25
2.50
2
3
4
0
50
100
150
200
−20
−10
0
10
20
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
IOUT = 0.5 A, dv/dt = 1 V/µs
TPS79501, TPS79516
TPS79518, TPS79525
TPS79530, TPS79533
SLVS350C – OCTOBER 2002 – REVISED JANUARY 2005
TYPICAL CHARACTERISTICS (continued)
TPS79530
TPS79530
ROOT MEAN SQUARED OUTPUT NOISE
DROPOUT VOLTAGE
vs
vs
CNR
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
TPS79530
TPS79530
TPS79530
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
TPS79530
RIPPLE REJECTION
vs
TPS79530
TPS79518
FREQUENCY
START-UP TIME
LINE TRANSIENT RESPONSE
Figure 12.
Figure 13.
Figure 14.
6


Similar Part No. - TPS79533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79533DCQ TI-TPS79533DCQ Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79533DCQ TI1-TPS79533DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79533DCQG4 TI-TPS79533DCQG4 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79533DCQG4 TI1-TPS79533DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79533DCQR TI-TPS79533DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com