Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71550 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71550
Description  50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71550 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71550 Datasheet HTML 3Page - Texas Instruments TPS71550 Datasheet HTML 4Page - Texas Instruments TPS71550 Datasheet HTML 5Page - Texas Instruments TPS71550 Datasheet HTML 6Page - Texas Instruments TPS71550 Datasheet HTML 7Page - Texas Instruments TPS71550 Datasheet HTML 8Page - Texas Instruments TPS71550 Datasheet HTML 9Page - Texas Instruments TPS71550 Datasheet HTML 10Page - Texas Instruments TPS71550 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
APPLICATION INFORMATION
TPS71533
IN
OUT
V
IN
V
OUT
C1
0.1
µF
0.47
µF
GND
External Capacitor Requirements
Power Dissipation and Junction Temperature
P
D(max) +
T
J
max * TA
R
q
JA
(1)
P
D
+ VIN*VOUT
I
OUT
(2)
Regulator Protection
Programming the TPS71501 Adjustable LDO Regulator
TPS71501
TPS71525, TPS71530
TPS71533, TPS71550
SLVS338I – MAY 2001 – REVISED JANUARY 2005
The TPS715xx family of LDO regulators has been optimized for ultra-low power applications such as the
MSP430 microcontroller. Its ultralow supply current maximizes efficiency at light loads, and its high input voltage
range makes it suitable for supplies such as unconditioned solar panels.
Figure 13. Typical Application Circuit (Fixed Voltage Version)
Although not required, a 0.047-µF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of the power supply as a
whole. A higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated and
the device is located several inches from the power source.
The TPS715xx requires an output capacitor connected between OUT and GND to stabilize the internal control
loop. Any capacitor (including ceramic and tantalum)
≥ 0.47 µF properly stabilizes this loop.
To ensure reliable operation, worst-case junction temperature should not exceed 125
°C. This restriction limits the
power dissipation the regulator can handle in any given application. To ensure the junction temperature is within
acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which
must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package (see the Dissipation Ratings table).
TA is the ambient temperature.
The regulator dissipation is calculated using:
Power dissipation resulting from quiescent current is negligible.
The TPS715xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS715xx features internal current limiting. During normal operation, the TPS715xx limits output current to
approximately 500 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. Take care not to exceed the power dissipation ratings of the package.
The output voltage of the TPS71501 adjustable regulator is programmed using an external resistor divider as
shown in Figure 14. The output voltage operating range is 1.2 V to 15 V, and is calculated using:
7


Similar Part No. - TPS71550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71550-DIE TI1-TPS71550-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
TPS71550-Q1 TI-TPS71550-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71550-Q1 TI1-TPS71550-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71550-Q1 TI-TPS71550-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
logo
TECH PUBLIC Electronics...
TPS71550DCK-TP TECHPUBLIC-TPS71550DCK-TP Datasheet
2Mb / 7P
   24V,50mA, Ultralo-Quiescent-Current LDO
More results

Similar Description - TPS71550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com