Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS9PAUG Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # VS9PAUG
Description  LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VS9PAUG Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  VS9PAUG Datasheet HTML 1Page - Raltron Electronics Corporation VS9PAUG Datasheet HTML 2Page - Raltron Electronics Corporation VS9PAUG Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VCXO
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
VS9P: PLL LVPECL SERIES: LOW COST UHF/HF VCXO, LVPECL, +3.3 VDC
DESCRIPTION: A low cost voltage control crystal oscillator, high frequency, highly stable oscillator, adhering to Low Voltage
Differential Signaling (LVPECL) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The
device is contained in a sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature
oscillator is ideal for today's automated assembly environments.
APPLICATIONS AND FEATURES:
"
Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches;
"
Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz
"
+3.3 VDC LVPECL
"
Frequency Range from 750KHz to 800 MHz
"
PLL multiplication (F>25MHz)
"
Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
+4.6
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBOL
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
0.75 to 800
MHz
Supply Voltage
Vcc
+3.3
±5%
VDC
Supply Current
Is
100.0 MAX
mA
Output Logic Type
LVPECL
Load
Connected between each output and Vcc – 2.0 VDC
50
Output Voltage Levels
Voh
Vol
min
max
Vcc-1.025
Vcc-1.620
VDC
VDC
Duty Cycle
DC
Measured at 50% of output voltage swing
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% output voltage swing
0.7 TYP 1.0 MAX
*2
ns
Fo=155.52MHz
2.6 TYP**
Integrated Phase tji RMS,
Fj = 12 kHz…20 MHz
5
Fo=622.08MHz
2.5 TYP**
ps
Fo=155.52MHz.
4 TYP **
Random period Jitter Rj using
wavecrest analyzer
4
Fo=622.08MHz
6 TYP **
ps
Fo=155.52MHz.
30 TYP**
Jitter
J
Acumm. Peak to Peak Jitter Tp-p
using wavecrest analyzer
*4
Fo=622.08MHz
40 TYP**
ps
Phase Noise
£(
∆f)
typ. @155.52MHz
6
∆f=10 Hz
∆f=100 Hz
∆f=1 KHz
∆f=10 KHz
∆f=100 KHz
∆f=1M Hz
∆f=10M Hz
∆f>20M Hz
-60
-90
-120
-125
-121
-121
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Overall Frequency Stability typ.
∆f/fc
Op. Temp., Aging, Load, and Supply Variations
<
±50*(Note 7)
ppm
Control Voltage Range
VC
Positive slope; 10% linearity MAX
0 to +3.3
VDC
Settability
Vfo
+1.65
± 0.25
VDC
Absolute Pull Range
APR
Minimum guaranteed freq. pull over
∆f/fc, over all
conditions
See Part Numbering
ppm
Input Impedance
Zin
10 MIN
k
Modulation Bandwidth
BW
-3 dB
10 MIN
kHz
Enable High Option;
Pin 2
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC
Enable Low Option;
Pin 2
Output Disabled
Output Enabled
Dis
En
High Voltage
Ground or No Connect
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC


Similar Part No. - VS9PAUG

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS9 ASTEC-VS9 Datasheet
2Mb / 8P
   1000 - 2500 Watts
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Vishay Siliconix
VS90EPF12L-M3 VISHAY-VS90EPF12L-M3 Datasheet
240Kb / 9P
   Fast Soft Recovery Rectifier Diode, 90 A
Revision: 06-Jul-2018
logo
Rohm
VS90VLNVWM ROHM-VS90VLNVWM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/02/08_Rev.001
More results

Similar Description - VS9PAUG

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
   ULTRA HF VCXO, LVPECL, 3.3 VDC
VS9M RALTRON-VS9M Datasheet
593Kb / 3P
   ANALOG MULTIPLIED LVPECL SERIES: ULTRA HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
Raltron Electronics Cor...
C9P RALTRON-C9P Datasheet
57Kb / 3P
   ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com