Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DB70ZA6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29W400DB70ZA6F
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DB70ZA6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29W400DB70ZA6F Datasheet HTML 4Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 5Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 6Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 7Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 8Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 9Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 10Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 11Page - STMicroelectronics M29W400DB70ZA6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
M29W400DT, M29W400DB
8/38
Figure 6. Block Addresses (x8)
Note: Also see Appendix A, Tables 21 and 22 for a full listing of the Block Addresses.
AI06857
16 KByte
7FFFFh
7C000h
64 KByte
1FFFFh
10000h
64 KByte
0FFFFh
00000h
M29W400DT
Top Boot Block Addresses (x8)
32 KByte
77FFFh
70000h
64 KByte
60000h
6FFFFh
Total of 7
64 KByte Blocks
16 KByte
7FFFFh
70000h
64 KByte
64 KByte
03FFFh
00000h
M29W400DB
Bottom Boot Block Addresses (x8)
32 KByte
6FFFFh
1FFFFh
64 KByte
60000h
10000h
Total of 7
64 KByte Blocks
0FFFFh
08000h
8 KByte
8 KByte
7BFFFh
7A000h
79FFFh
78000h
8 KByte
8 KByte
07FFFh
06000h
05FFFh
04000h


Similar Part No. - M29W400DB70ZA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DB70ZA6F STMICROELECTRONICS-M29W400DB70ZA6F Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DB70ZA6F NUMONYX-M29W400DB70ZA6F Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DB70ZA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com