Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163827A Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT163827A
Description  3.3V CMOS 20-BIT BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163827A Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT163827A Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163827A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IDT74FCT163827A/C
3.3V CMOS 20-BIT BUFFER
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
4/19/2002 Removed B speed grade
5/21/2002 Removed TVSOP package
DATASHEETDOCUMENTHISTORY
XX
Temp. Range
XXXX
Device Type
X
Package
PV
PA
Shrink Small Outline Package
Thin Shrink Small Outline Package
827A
827C
Non-Inverting 20-Bit Buffer
− 40°C to +85°C
74
IDT
FCT
XXX
Family
163
Double-Density 3.3Volt


Similar Part No. - IDT74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
More results

Similar Description - IDT74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
   3.3V CMOS 20-BIT BUFFER
logo
Renesas Technology Corp
74FCT163827A RENESAS-74FCT163827A Datasheet
267Kb / 8P
   3.3V CMOS 20-BIT BUFFER
MAY 2019
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH32244 IDT-IDT74ALVCH32244_15 Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH16244 IDT-IDT74ALVCH16244_16 Datasheet
106Kb / 7P
   3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH162244A IDT-IDT74LVCH162244A_15 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com