Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4052 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HC4052 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HC4052 Datasheet HTML 4Page - NXP Semiconductors HC4052 Datasheet HTML 5Page - NXP Semiconductors HC4052 Datasheet HTML 6Page - NXP Semiconductors HC4052 Datasheet HTML 7Page - NXP Semiconductors HC4052 Datasheet HTML 8Page - NXP Semiconductors HC4052 Datasheet HTML 9Page - NXP Semiconductors HC4052 Datasheet HTML 10Page - NXP Semiconductors HC4052 Datasheet HTML 11Page - NXP Semiconductors HC4052 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2004 Nov 11
8
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
DC CHARACTERISTICS
Family 74HC4052
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; Vos is the output voltage at pins nZ or nYn,
whichever is assigned as an output; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
VEE (V)
Tamb = −40 °C to +85 °C; note 1
VIH
HIGH-level input
voltage
2.0
1.5
1.2
V
4.5
3.15
2.4
V
6.0
4.2
3.2
V
9.0
6.3
4.7
V
VIL
LOW-level input
voltage
2.0
−−
0.8
0.5
V
4.5
−−
2.1
1.35
V
6.0
−−
2.8
1.8
V
9.0
−−
4.3
2.7
V
ILI
input leakage current
VI =VCC or GND
6.0
0
−−±1.0
µA
10.0
0
−−±2.0
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.9
per channel
10.0
0
−−±1.0
µA
all channels
10.0
0
−−±2.0
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.10
10.0
0
−−±2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis =VEE or VCC;
Vos =VCC or VEE
6.0
0
−−
80.0
µA
10.0
0
−−
160.0
µA


Similar Part No. - HC4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HC4052 ONSEMI-HC4052 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HC4052 STMICROELECTRONICS-HC4052 Datasheet
301Kb / 15P
   ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
logo
Toshiba Semiconductor
HC4052 TOSHIBA-HC4052 Datasheet
383Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULITIPLEXER
logo
System Logic Semiconduc...
HC4052 SLS-HC4052 Datasheet
88Kb / 9P
   Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
Fairchild Semiconductor
HC4052 FAIRCHILD-HC4052 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

Similar Description - HC4052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com