Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4020DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT4020DB
Description  14-stage binary ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4020DB Datasheet(HTML) 6 Page - NXP Semiconductors

  74HCT4020DB Datasheet HTML 1Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 2Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 3Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 4Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4020DB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
September 1993
6
Philips Semiconductors
Product specification
14-stage binary ripple counter
74HC/HCT4020
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
CP
MR
0.85
1.10
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Q0
18
36
45
54
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
Qn to Qn+1
8
15
19
22
ns
4.5
Fig.7
tPHL
propagation delay
MR to Qn
22
45
56
68
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.7
tW
clock pulse width
HIGH or LOW
20
7
25
30
ns
4.5
Fig.7
tW
master reset pulse width
HIGH
20
8
25
30
ns
4.5
Fig.8
trem
removal time
MR to CP
10
2
13
15
ns
4.5
Fig.8
fmax
maximum clock pulse
frequency
25
47
20
17
MHz
4.5
Fig.7


Similar Part No. - 74HCT4020DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4020D NEXPERIA-74HCT4020D Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
74HCT4020D-Q100 NEXPERIA-74HCT4020D-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020D-Q100 NEXPERIA-74HCT4020D-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
More results

Similar Description - 74HCT4020DB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
logo
Nexperia B.V. All right...
74HCT4020-Q100 NEXPERIA-74HCT4020-Q100 Datasheet
272Kb / 16P
   14-stage binary ripple counter
Rev. 2 - 18 June 2020
logo
Motorola, Inc
MC74AC4020 MOTOROLA-MC74AC4020 Datasheet
141Kb / 5P
   14-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A_14 Datasheet
123Kb / 8P
   14-Stage Binary Ripple Counter
August, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74HC4020-Q100 NEXPERIA-74HC4020-Q100 Datasheet
781Kb / 18P
   14-stage binary ripple counter
74HCT4020 NEXPERIA-74HCT4020 Datasheet
277Kb / 16P
   14-stage binary ripple counter
Rev. 8 - 7 September 2021
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com