Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C1480L-70DI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MU9C1480L-70DI
Description  The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MU9C1480L-70DI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MU9C1480L-70DI Datasheet HTML 1Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 2Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 3Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 4Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C1480L-70DI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MU9C1480A/L Draft
Rev. 3.0 Draft
3
PIN DESCRIPTIONS
All signals are implemented in CMOS technology with TTL levels. Signal names that start with a slash (“/”) are active LOW. Inputs
should never be left floating. The CAM architecture draws large currents during compare operations, mandating the use of good layout
and bypassing techniques. Refer to the Electrical Characteristics section for more information.
/E (Chip Enable, Input, TTL)
The /E input enables the device while LOW. The falling
edge registers the control signals /W, /CM, and /EC. The
rising edge locks the daisy chain, turns off the DQ pins,
and clocks the Destination and Source Segment counters.
The four cycle types enabled by /E are shown in Table 2.
/W (Write Enable, Input, TTL)
The /W input selects the direction of data flow during a
device cycle. /W LOW selects a Write cycle and /W HIGH
selects a Read cycle.
/CM (Data/Command Select, Input, TTL)
The /CM input selects whether the input signals on
DQ15–0 are data or commands. /CM LOW selects Command
cycles and /CM HIGH selects Data cycles.
/EC (Enable Daisy Chain, Input, TTL)
The /EC signal performs two functions. The /EC input enables
the /MF output to show the results of a comparison, as shown
in Figure 6 on page 14. If /EC is LOW at the falling edge of /E
in a given cycle, the /MF output is enabled. Otherwise, the
/MF output is held HIGH. The /EC signal also enables the
/MF– /MI daisy chain, which serves to select the device with
the highest-priority match in a string of LANCAMs. Tables 5a
and 5b on page 12 explain the effect of the /EC signal on a
device with or without a match in both Standard and Enhanced
modes. /EC must be HIGH during initialization.
DQ15–0 (Data Bus, I/O, TTL)
The DQ15–0 lines convey data, commands, and status to
and from the LANCAM. /W and /CM control the direction
and nature of the information that flows to or from the
device. When /E is HIGH, DQ15–0 go to HIGH-Z.
/MF (Match Flag, Output, TTL)
The /MF output goes LOW when one or more valid matches
occur during a compare cycle. /MF becomes valid after /E
goes HIGH on the cycle that enables the daisy chain (on
the first cycle that /EC is registered LOW by the previous
falling edge of /E; see Figure 6 on page 14). In a daisy
chain, valid match(es) in higher priority devices are passed
from the /MI input to /MF. If the daisy chain is enabled but
the match flag is disabled in the Control register, the /MF
output only depends on the /MI input of the device
(/MF=/MI). /MF is HIGH if there is no match or when the
daisy chain is disabled (/E goes HIGH when /EC was HIGH
on the previous falling edge of /E). The System Match flag
is the /MF pin of the last device in the daisy chain. /MF will
be reset when the active configuration register set is changed.
PLCC Pinout Diagram
GND
DQ 4
DQ 5
VCC
VCC
TES T 2
GND
GND
DQ 6
DQ 7
VCC
GND
/R ESET
VCC
VCC
TE S T1
/E
/W
GND
44 -pi n P L CC
(Top V ie w )
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
/M A
/MI
/MF
TQFP Pinout Diagram
GND
DQ 4
DQ 5
VCC
VCC
TES T 2
GND
GND
DQ 6
DQ 7
VCC
GND
/R ESET
VCC
VCC
TE S T1
/E
/W
GND
44 -pi n P L CC
(Top V ie w )
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
/M A
/MI
/MF
TQFP


Similar Part No. - MU9C1480L-70DI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C1480L-90DC MUSIC-MU9C1480L-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480L-90DI MUSIC-MU9C1480L-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480L-90TAC MUSIC-MU9C1480L-90TAC Datasheet
56Kb / 2P
   TQFP Package Option
More results

Similar Description - MU9C1480L-70DI

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
National Semiconductor ...
93L425A NSC-93L425A Datasheet
131Kb / 6P
   1024 X 1-BIT STATIC RANDOM ACCESS MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
Motorola, Inc
MCM5101 MOTOROLA-MCM5101 Datasheet
127Kb / 4P
   CMOS 1024 BIT STATIC RANDOM ACCESS MEMORY
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com