Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C1480A-12DI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MU9C1480A-12DI
Description  The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MU9C1480A-12DI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MU9C1480A-12DI Datasheet HTML 2Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 3Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 4Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 9Page - List of Unclassifed Manufacturers MU9C1480A-12DI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MU9C1480A/L Draft
Rev. 3.0 Draft
6
or a forced compare), the Status register contains the
address of the Highest-Priority Matching location in that
device, concatenated with its page address, along with
flags indicating internal match, multiple match, and full.
When the Status register is read with a Command Read
cycle, the device with the Highest-Priority Match will
respond, outputting the System Match address to the DQ
bus. The internal Match (/MA) and Multiple Match (/MM)
flags are also output on pins. Another set of flags (/MF
and /FF) that are qualified by the match and full flags of
previous devices in the system also are available directly
on output pins, and are independently daisy-chained to
provide System Match and Full flags in vertically cascaded
LANCAM arrays. In such arrays, if no match occurs during
a comparison, read access to the memory and all the
registers except the Next Free register is denied to prevent
device contention. In a daisy chain, all devices will respond
to Command and Data Write cycles, depending on the
conditions shown in Tables 5a and 5b on page 12, unless
the operation involves the Highest-Priority Match address
or the Next Free address; in which case, only the specific
device having the Highest-Priority match or the Next Free
address will respond.
A Page Address register in each device simplifies vertical
expansion in systems using more than one LANCAM. This
register is loaded with a specific device address during
system initialization, which then serves as the higher-order
address bits. A Device Select register allows the user to
target a specific device within a vertically cascaded system
by setting it equal to the Page Address Register value, or
to address all the devices in a string at the same time by
setting the Device Select value to FFFFH.
Figure 1a shows expansion using a daisy chain. Note that
system flags are generated without the need for external
logic. The Page Address register allows each device in the
vertically cascaded chain to supply its own address in the
event of a match, eliminating the need for an external priority
encoder to calculate the complete Match address at the
expense of the ripple-through time to resolve the Highest-
Priority match. The Full flag daisy-chaining allows
Associative writes using a Move to Next Free Address
instruction, which does not need a supplied address.
Figure 1b shows an external PLD implementation of a simple
priority encoder that eliminates the daisy chain ripple-
through delays for systems requiring maximum performance
from many CAMs.
FUNCTIONAL DESCRIPTION
Continued
OPERATIONAL CHARACTERISTICS
Throughout the following, “aaaH” represents a three-digit
hexadecimal number “aaa,” while “bbB” represents a two-
digit binary number “bb.” All memory locations are written
to or read from in 16-bit segments. Segment 0 corresponds to
the lowest order bits (bits 15–0) and Segment 3 corresponds
to the highest order bits (bits 63–48).
THE CONTROL BUS
Refer to the Block Diagram on page 1 for the following
discussion. The inputs Chip Enable (/E), Write Enable (/W),
Command Enable (/CM), and Enable Daisy Chain (/EC) are
the primary control mechanism for the LANCAM. The /EC
input of the Control bus enables the /MF Match flag output
when LOW and controls the daisy chain operation.
Instructions are the secondary control mechanism. Logical
combinations of the Control Bus inputs, coupled with the
execution of Select Persistent Source (SPS), Select Persistent
Destination (SPD), and Temporary Command Override
(TCO) instructions allow the I/O operations to and from
the DQ15–0 lines to the internal resources, as shown in
Table 3 on page 9.
The Comparand register is the default source and
destination for Data Read and Write cycles. This default
state can be overridden independently by executing a Select
Persistent Source or Select Persistent Destination
instruction, selecting a different source or destination for
data. Subsequent Data Read or Data Write cycles will
access that source or destination until another SPS or SPD
instruction is executed. The currently selected persistent
source or destination can be read back through a TCO PS
or PD instruction. The sources and destinations available
for persistent access are those resources on the 64-bit bus:
Comparand register, Mask Register 1, Mask Register 2, and
the Memory array.
The default destination for Command Write cycles is the
Instruction decoder, while the default source for Command
Read cycles is the Status register.
Temporary Command Override (TCO) instructions provide
access to the Control register, the Page Address register,
the Segment Control register, the Address register, the Next
Free Address register, and Device Select register. TCO


Similar Part No. - MU9C1480A-12DI

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C1480A-50DC MUSIC-MU9C1480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-70DC MUSIC-MU9C1480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-70DI MUSIC-MU9C1480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-90DC MUSIC-MU9C1480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-90DI MUSIC-MU9C1480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C1480A-12DI

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
National Semiconductor ...
93L425A NSC-93L425A Datasheet
131Kb / 6P
   1024 X 1-BIT STATIC RANDOM ACCESS MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
Motorola, Inc
MCM5101 MOTOROLA-MCM5101 Datasheet
127Kb / 4P
   CMOS 1024 BIT STATIC RANDOM ACCESS MEMORY
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com