Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE2AN-SW-AC240V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # HE2AN-SW-AC240V
Description  TV-15, 30 AMP (1 Form A) Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HE2AN-SW-AC240V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  HE2AN-SW-AC240V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HE2AN-SW-AC240V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HE2AN-SW-AC240V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HE2AN-SW-AC240V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HE2AN-SW-AC240V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HE2AN-SW-AC240V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HE
111
TYPES
Terminal shape
Contact arrangement
1 Form A
2 Form A
DC
type
Plug-in terminal
HE1aN-DC6V
HE2aN-DC6V
HE1aN-DC12V
HE2aN-DC12V
HE1aN-DC24V
HE2aN-DC24V
HE1aN-DC48V
HE2aN-DC48V
HE1aN-DC110V
HE2aN-DC110V
Screw terminal
HE1aN-S-DC6V
HE2aN-S-DC6V
HE1aN-S-DC12V
HE2aN-S-DC12V
HE1aN-S-DC24V
HE2aN-S-DC24V
HE1aN-S-DC48V
HE2aN-S-DC48V
HE1aN-S-DC110V
HE2aN-S-DC110V
Screw terminal
(wide pitch)
HE1aN-SW-DC6V
HE2aN-SW-DC6V
HE1aN-SW-DC12V
HE2aN-SW-DC12V
HE1aN-SW-DC24V
HE2aN-SW-DC24V
HE1aN-SW-DC48V
HE2aN-SW-DC48V
HE1aN-SW-DC110V
HE2aN-SW-DC110V
NEMA terminal
HE1aN-Q-DC6V
HE2aN-Q-DC6V
HE1aN-Q-DC12V
HE2aN-Q-DC12V
HE1aN-Q-DC24V
HE2aN-Q-DC24V
HE1aN-Q-DC48V
HE2aN-Q-DC48V
HE1aN-Q-DC110V
HE2aN-Q-DC110V
PC board
terminal
HE1aN-P-DC6V
HE1aN-P-DC12V
HE1aN-P-DC24V
HE1aN-P-DC48V
HE1aN-P-DC110V
Terminal shape
Contact arrangement
1 Form A
2 Form A
AC
type
Plug-in terminal
HE1aN-AC12V
HE2aN-AC12V
HE1aN-AC24V
HE2aN-AC24V
HE1aN-AC48V
HE2aN-AC48V
HE1aN-AC120V
HE2aN-AC120V
HE1aN-AC240V
HE2aN-AC240V
Screw terminal
HE1aN-S-AC12V
HE2aN-S-AC12V
HE1aN-S-AC24V
HE2aN-S-AC24V
HE1aN-S-AC48V
HE2aN-S-AC48V
HE1aN-S-AC120V
HE2aN-S-AC120V
HE1aN-S-AC240V
HE2aN-S-AC240V
Screw terminal
(wide pitch)
HE1aN-SW-AC12V
HE2aN-SW-AC12V
HE1aN-SW-AC24V
HE2aN-SW-AC24V
HE1aN-SW-AC48V
HE2aN-SW-AC48V
HE1aN-SW-AC120V
HE2aN-SW-AC120V
HE1aN-SW-AC240V
HE2aN-SW-AC240V
NEMA terminal
HE1aN-Q-AC12V
HE2aN-Q-AC12V
HE1aN-Q-AC24V
HE2aN-Q-AC24V
HE1aN-Q-AC48V
HE2aN-Q-AC48V
HE1aN-Q-AC120V
HE2aN-Q-AC120V
HE1aN-Q-AC240V
HE2aN-Q-AC240V
COIL DATA at 20
°C 68°F
*Value at 60 Hz
Nominal voltage
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal coil
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
W
Max. allowable
voltage
(at 50
°C 122°F),
V DC
DC coil type
6 V DC
4.2
0.6
320.9
18.8
1.92
6.6
12 V DC
8.4
1.2
160
75
1.92
13.2
24 V DC
16.8
2.4
80
300
1.92
26.4
48 V DC
33.6
4.8
40
1200
1.92
52.8
110 V DC
77.0
11.0
17.5
6300
1.92
121.0
Nominal voltage
Pick-up voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Nominal coil
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
VA
Max. allowable
voltage
(at 50
°C 122°F),
V AC
AC coil type
12 V AC
8.4
1.8
138*
75
1.7
13.2
24 V AC
16.8
3.6
74*
300
1.8
26.4
48 V AC
33.6
7.2
39*
1200
1.9
52.8
120 V AC
70.0
18.0
22.1*
5200
2.7
132.0
240 V AC
140.0
36.0
10.8*
20800
2.6
264.0


Similar Part No. - HE2AN-SW-AC240V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE2AN-S-AC100V PANASONIC-HE2AN-S-AC100V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-S-AC12V PANASONIC-HE2AN-S-AC12V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-S-AC200V PANASONIC-HE2AN-S-AC200V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-S-AC24V PANASONIC-HE2AN-S-AC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-S-AC48V PANASONIC-HE2AN-S-AC48V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE2AN-SW-AC240V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com