Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG325W-XR-1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG325W-XR-1
Description  NPN 14 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG325W-XR-1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG325W-XR-1 Datasheet HTML 4Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 5Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 6Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 7Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 8Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 9Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 10Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 11Page - NXP Semiconductors BFG325W-XR-1 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
9397 750 14246
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
10 of 12
Philips Semiconductors
BFG325W/XR
NPN 14 GHz wideband transistor
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
BFG325W_XR_1
20050202
Product data sheet
-
9397 750 14246
-


Similar Part No. - BFG325W-XR-1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG325W-XR NXP-BFG325W-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG325W-XR-1

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG325_2015 JMNIC-BFG325_2015 Datasheet
86Kb / 12P
   NPN 14 GHz wideband transistor
BFG310 JMNIC-BFG310_15 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com