Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MU9C1480A-12DC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MU9C1480A-12DC
Description  The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MU9C1480A-12DC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MU9C1480A-12DC Datasheet HTML 1Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 2Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 3Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 4Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 5Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C1480A-12DC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MU9C1480A/L LANCAMs®
21 May 1999 Rev. 3.0 Draft
Block Diagram
Data Sheet Draft
DISTINCTIVE CHARACTERISTICS
Ø 1024 x 64-bit CMOS content-addressable
memory (CAM)
Ø 16-bit I/O
Ø Fast 90 ns compare speed
Ø Dual configuration register set for rapid context
switching
Ø 16-bit CAM/RAM segments with MUSIC’s patented
partitioning
Ø /MA and /MM output flags to enable faster system
performance
Ø Readable Device ID
Ø Selectable faster operating mode with no wait
states after a no-match
Ø Validity bit setting accessible from the
Status register
Ø Single cycle reset for Segment Control register
Ø 44-Pin PLCC package / 44-Pin TQFP package
Ø 5 Volt (1480A) or 3.3 Volt (1480L) operation
APPLICATION BENEFITS
The 1024 x 64-bit LANCAM facilitates numerous
operations:
Ø New package saves space
Ø New speed grade allows processing of both
DA and SA within 560 ns, equivalent to 111,
10 Base-T or 11, 100 Base-T Ethernet ports
Ø Full CAM features allow all operations to
be masked on a bit-by-bit basis
Ø Expanded powerful instruction set for any
list processing needs
Ø Shiftable Comparand and mask registers
assist in proximate matching algorithms
Ø Fully compatible with all MUSIC LANCAM
series, cascadable to any practical length
without performance penalties
LANCAM, the MUSIC logo, and the phrase “MUSIC Semiconductors” are registered trademarks of MUSIC Semiconductors. MUSIC is
a trademark of MUSIC Semiconductors. Certain features of this device are patented under US Patent 5,383,146.
ADD RE S S
/W
/E
/CM
/E C
DQ (15— 0 )
(16)
CO N TR O L
CAM AR RAY
10 24 W ORDS
X 6 4 B ITS
CO M P ARAN D*
MAS K 1
MAS K 2
MATCH
AND
FL AG
LO G IC
/FF
/FI
/M F
/MI
CO M M A NDS & S TATU S
2
10
MUX
DATA (1 6 )
TR ANS LA TE
80 2.3/802.5
DATA (1 6 )
DE M UX
S O U RCE AN D
DE S TINA TIO N
SEG M E NT
CO U NTE R S
VCC
GND
INS TRUC TIO N ( W /O )*
NE X T FRE E ADDR ESS (R/O )
CO N TR O L
S E G M E NT C O NTR O L
P AG E ADDR ESS (LO CA L)
DE VIC E S E LECT (G LO B AL)
ADD RE S S
S TATU S (1 5-0) ( R/O )*
S TATU S (3 1-16) (R /O )
RE G IS TER SE T
2
M ATCH ADD R
& /M A FLA G
/MM, /F L
DATA (1 6 )
(16)
DATA (6 4 )
DATA (6 4 )
/RESE T
/MA
/M M
11
16
Note: This document version has not completed MUSIC’s internal approval process, therefore it should
be rechecked with a released version or with factory personnel.


Similar Part No. - MU9C1480A-12DC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C1480A-50DC MUSIC-MU9C1480A-50DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-70DC MUSIC-MU9C1480A-70DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-70DI MUSIC-MU9C1480A-70DI Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-90DC MUSIC-MU9C1480A-90DC Datasheet
331Kb / 32P
   LANCAM A/L series
MU9C1480A-90DI MUSIC-MU9C1480A-90DI Datasheet
331Kb / 32P
   LANCAM A/L series
More results

Similar Description - MU9C1480A-12DC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
National Semiconductor ...
93L425A NSC-93L425A Datasheet
131Kb / 6P
   1024 X 1-BIT STATIC RANDOM ACCESS MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
Motorola, Inc
MCM5101 MOTOROLA-MCM5101 Datasheet
127Kb / 4P
   CMOS 1024 BIT STATIC RANDOM ACCESS MEMORY
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com