Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC088S052EVAL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC088S052EVAL
Description  8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S052EVAL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC088S052EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC088S052EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Digital Supply Voltage V
D
−0.3V to V
A + 0.3V,
max 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current(Note 3)
±20 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds (Note 6)
260˚C
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
+105˚C
V
A Supply Voltage
+2.7V to +5.25V
V
D Supply Voltage
+2.7V to V
A
Digital Input Voltage
0V to V
A
Analog Input Voltage
0V to V
A
Clock Frequency
3.2 MHz to 8 MHz
Package Thermal Resistance
Package
θ
JA
16-lead TSSOP on
4-layer, 2 oz. PCB
96˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC088S052 Converter Electrical Characteristics (Note 8)
The following specifications apply for V
A =VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE =
200 kSPS to 500 kSPS, and C
L = 50pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits
T
A = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
INL
Integral Non-Linearity (End Point
Method)
±0.05
±0.2
LSB (max)
DNL
Differential Non-Linearity
±0.06
±0.2
LSB (min)
V
OFF
Offset Error
+0.6
±0.7
LSB (max)
OEM
Offset Error Match
±0.02
±0.2
LSB (max)
FSE
Full Scale Error
+0.5
±0.6
LSB (max)
FSEM
Full Scale Error Match
±0.01
±0.2
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth (−3dB)
8
MHz
SINAD
Signal-to-Noise Plus Distortion Ratio
f
IN = 40.2 kHz, −0.02 dBFS
49.6
49.2
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 40.2 kHz, −0.02 dBFS
49.6
49.3
dB (min)
THD
Total Harmonic Distortion
f
IN = 40.2 kHz, −0.02 dBFS
−70.6
−63.1
dB (max)
SFDR
Spurious-Free Dynamic Range
f
IN = 40.2 kHz, −0.02 dBFS
68.1
64.8
dB (min)
ENOB
Effective Number of Bits
f
IN = 40.2 kHz
7.95
7.88
Bits (min)
ISO
Channel-to-Channel Isolation
f
IN = 20 kHz
67.3
dB
IMD
Intermodulation Distortion, Second
Order Terms
f
a = 19.5 kHz, fb = 20.5 kHz
−75.0
dB
Intermodulation Distortion, Third
Order Terms
f
a = 19.5 kHz, fb = 20.5 kHz
−69.4
dB
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
A
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
Track Mode
33
pF
Hold Mode
3
pF
www.national.com
3


Similar Part No. - ADC088S052EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC088S052 TI1-ADC088S052 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT TI1-ADC088S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMT/NOPB TI1-ADC088S052CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX TI1-ADC088S052CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052CIMTX/NOPB TI1-ADC088S052CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC088S052EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com