Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC4052 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
2004 Nov 11
3
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
QUICK REFERENCE DATA
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ[(CL +CS) × VCC2 × fo] where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS = maximum switch capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ[(CL +CS) × VCC2 × fo] = sum of the outputs.
2. For 74HC4052 the condition is VI = GND to VCC
For 74HCT4052 the condition is VI = GND to VCC − 1.5 V.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
74HC4052 74HCT4052
tPZH/tPZL
turn-on time E or Sn to Vos
CL = 15 pF; RL =1kΩ;
VCC =5V
28
18
ns
tPHZ/tPLZ
turn-off time E or Sn to Vos
CL = 15 pF; RL =1kΩ;
VCC =5V
21
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch notes 1 and 2
57
57
pF
CS
maximum switch capacitance
independent (Y)
5
5
pF
common (Z)
12
12
pF
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC4052D
−40 °C to +125 °C
16
SO16
plastic
SOT109-3
74HCT4052D
−40 °C to +125 °C
16
SO16
plastic
SOT109-3
74HC4052DB
−40 °C to +125 °C
16
SSOP16
plastic
SOT338-1
74HCT4052DB
−40 °C to +125 °C
16
SSOP16
plastic
SOT338-1
74HC4052N
−40 °C to +125 °C
16
DIP16
plastic
SOT38-9
74HCT4052N
−40 °C to +125 °C
16
DIP16
plastic
SOT38-9
74HC4052PW
−40 °C to +125 °C
16
TSSOP16
plastic
SOT403-1
74HC4052BQ
−40 °C to +125 °C
16
DHVQFN16
plastic
SOT763-1
74HCT4052BQ
−40 °C to +125 °C
16
DHVQFN16
plastic
SOT763-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC4352Dual 4-channel analog multiplexer/demultiplexer with latch 1 2 3 4 5 MoreNXP Semiconductors
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
74LV4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MAX398Precision 8-Channel/Dual 4-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
MAX4518Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
M74HC4052DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
74HC4052Dual 4-channel analog multiplexer demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4052BCDual 4-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
DG408CJiMPROVED 8-cHANNEL/dUAL 4-cHANNEL cmos aNALOG mULTIPLEXERS 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl