Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC4052 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
2004 Nov 11
6
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
MNB043
from
logic
VCC
VEE
VEE
VCC
VCC
VEE
nYn
nZ
VCC
Fig.6 Schematic diagram (one switch).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to VEE = GND
(ground = 0 V); note 1.
Notes
1. To avoid drawing VCC current out of pins nZ, when switch current flows in pins nYn, the voltage drop across the
bidirectional switch must not exceed 0.4 V. If the switch current flows into pins nZ, no VCC current will flow out of
pins nYn. In this case there is no limit for the voltage drop across the switch, but the voltages at pins nYn and nZ may
not exceed VCC or VEE.
2. For DIP16 packages: above 70
°C derate linearly with 12 mW/K.
For SO16 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+11.0
V
IIK
input diode current
VI <−0.5 V or VI > VCC + 0.5 V
−±20
mA
ISK
switch diode current
VS <−0.5 V or VS > VCC + 0.5 V
−±20
mA
IS
switch current
−0.5 V < VS < VCC + 0.5 V
−±25
mA
IEE
VEE current
−±20
mA
ICC;IGND
VCC or GND current
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C; note
500
mW
PS
power dissipation per switch
100
mW




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC4352Dual 4-channel analog multiplexer/demultiplexer with latch 1 2 3 4 5 MoreNXP Semiconductors
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
74LV4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MAX398Precision 8-Channel/Dual 4-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
MAX4518Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
M74HC4052DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
74HC4052Dual 4-channel analog multiplexer demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4052BCDual 4-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
DG408CJiMPROVED 8-cHANNEL/dUAL 4-cHANNEL cmos aNALOG mULTIPLEXERS 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl