Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74HC4052 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
2004 Nov 11
4
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
PINNING
PIN
SYMBOL
DESCRIPTION
1
2Y0
independent input or output
2
2Y2
independent input or output
3
2Z
common input or output
4
2Y3
independent input or output
5
2Y1
independent input or output
6
E
enable input (active LOW)
7VEE
negative supply voltage
8
GND
ground (0 V)
9
S1
select logic input
10
S0
select logic input
11
1Y3
independent input or output
12
1Y0
independent input or output
13
1Z
common input or output
14
1Y1
independent input or output
15
1Y2
independent input or output
16
VCC
positive supply voltage
handbook, halfpage
4052
MNB039
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2Y0
2Y2
2Z
2Y3
2Y1
E
VEE
GND
S1
S0
1Y3
1Y0
1Z
1Y1
1Y2
VCC
Fig.1
Pin configuration DIP16, SO16 and
(T)SSOP16.
Fig.2 Pin configuration DHVQFN16.
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
001aac117
4052
VCC(1)
VEE
S0
E
1Y3
2Y1
1Y0
2Y3
1Z
2Z
1Y1
2Y2
1Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74HC4352Dual 4-channel analog multiplexer/demultiplexer with latch 1 2 3 4 5 MoreNXP Semiconductors
74VHC40518-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer Triple 2-Channel Analog Multiplexer 1 2 3 4 5 MoreFairchild Semiconductor
74LV4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
CD4051BCSingle 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe 1 2 3 4 5 MoreFairchild Semiconductor
MAX398Precision 8-Channel/Dual 4-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
MAX4518Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
M74HC4052DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreSTMicroelectronics
74HC4052Dual 4-channel analog multiplexer demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
BU4052BCDual 4-channel analog multiplexer / demultiplexer 1 2 3 4 5 MoreRohm
DG408CJiMPROVED 8-cHANNEL/dUAL 4-cHANNEL cmos aNALOG mULTIPLEXERS 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl