Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ973-1A-12DC3D2 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ973-1A-12DC3D2
Description  40 AMP AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ973-1A-12DC3D2 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ973-1A-12DC3D2 Datasheet HTML 1Page - ZETTLER Electronics AZ973-1A-12DC3D2 Datasheet HTML 2Page - ZETTLER Electronics AZ973-1A-12DC3D2 Datasheet HTML 3Page - ZETTLER Electronics AZ973-1A-12DC3D2 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-06-24
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 40 A 14 VDC Res.
Operate Time (max.)
7 ms at nominal coil voltage
Release Time (max.)
5 ms at nominal coil voltage
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.) 500 Vrms contact to contact
Insulation Resistance
100 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-55°C (-67°F) to 85°C (185°F)
Storage
-55°C (-67°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10-40 Hz
Shock
100 m/s2
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
0.25 Quick Connect
Note: Allow suitable slack on leads when wiring
and do not subject the terminals to excessive
force.
Weight
31 grams
AZ973
40 AMP
AUTOMOTIVE
RELAY
FEATURES
• 40 Amp contact rating
• High momentary carry current (60A)
• High operating temperature (85°C)
• SPST (1 Form A), SPDT (1 Form C)
• Quick connect terminals
• Metal or plastic mounting bracket available
• Resistor or diode parallel to coil available
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 560 W (SPST)
560 W (N.O.)
420 W (N.C.)
Max. switched current: 40 A (SPST)
40 A (N.O.)
30 A (N.C.)
Max. switched voltage: 75 VDC
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
0.68 W
(typical)
Max. Continuous
5.1 W at 20°C (68°F)
Dissipation
Temperature Rise
52°C (94°F) at nominal coil voltage
Temperature
Max. 155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ973-1A-12DC3D2

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ973-1A-12DC3D2 AZETTLER-AZ973-1A-12DC3D2 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ973-1A-12DC3D2

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
   40 AMP AUTOMOTIVE RELAY
AZ970 AZETTLER-AZ970 Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ970E AZETTLER-AZ970E Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
   40 AMP 280-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC792B PICKER-PC792B Datasheet
679Kb / 2P
   40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com