Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4046A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC4046A
Description  Phase-locked-loop with VCO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4046A Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4046A Datasheet HTML 1Page - NXP Semiconductors 74HC4046A Datasheet HTML 2Page - NXP Semiconductors 74HC4046A Datasheet HTML 3Page - NXP Semiconductors 74HC4046A Datasheet HTML 4Page - NXP Semiconductors 74HC4046A Datasheet HTML 5Page - NXP Semiconductors 74HC4046A Datasheet HTML 6Page - NXP Semiconductors 74HC4046A Datasheet HTML 7Page - NXP Semiconductors 74HC4046A Datasheet HTML 8Page - NXP Semiconductors 74HC4046A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
1997 Nov 25
5
Philips Semiconductors
Product specification
Phase-locked-loop with VCO
74HC/HCT4046A
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
PCPOUT
phase comparator pulse output
2
PC1OUT
phase comparator 1 output
3
COMPIN
comparator input
4
VCOOUT
VCO output
5
INH
inhibit input
6C1A
capacitor C1 connection A
7C1B
capacitor C1 connection B
8
GND
ground (0 V)
9
VCOIN
VCO input
10
DEMOUT
demodulator output
11
R1
resistor R1 connection
12
R2
resistor R2 connection
13
PC2OUT
phase comparator 2 output
14
SIGIN
signal input
15
PC3OUT
phase comparator 3 output
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC4046A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HC4046AD NEXPERIA-74HC4046AD Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046ADB NEXPERIA-74HC4046ADB Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
74HC4046APW NEXPERIA-74HC4046APW Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results

Similar Description - 74HC4046A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
   Phase-locked loop with VCO
Rev. 4 - 6 August 2019
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com