Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026A-20TC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C31026A-20TC
Description  5V/3.3V 64K X 16 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026A-20TC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C31026A-20TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026A-20TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
AS7C1026A
AS7C31026A
2/6/01; V.0.9
Alliance Semiconductor
P. 4 of 9
Read cycle (over the operating range)3,9
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (OE, CE, UB, LB controlled)3,6,8,9
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
MinMax
Min
Max
MinMax
MinMax
Read cycle time
tRC
10
12
15
20
ns
Address access time
tAA
–10
12
–15–
20
ns
3
Chip enable (CE) access time
tACE
–10
12
–15–
20
ns
3
Output enable (OE) access time
tOE
3
–3
–4
5
ns
Output hold from address change
tOH
2–
3–3–
3–
ns
5
CE Low to output in low Z
tCLZ
0–
0–0–
0–
ns
4, 5
CE High to output in high Z
tCHZ
3
–3
–4
5
ns
4, 5
OE Low to output in low Z
tOLZ
0–
0–0–
0–
ns
4, 5
Byte select access time
tBA
3
–3
–4
5
ns
Byte select Low to low Z
tBLZ
0–
0–0–
0–
ns
4, 5
Byte select High to high Z
tBHZ
5
–6
–6
8
ns
4, 5
OE High to output in high Z
tOHZ
3
–3
–4
5
ns
4, 5
Power up time
tPU
0–
0–0–
0–
ns
4, 5
Power down time
tPD
–10
12
–15–
20
ns
4, 5
Undefined output/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
DataIN


Similar Part No. - AS7C31026A-20TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026A-20TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com