Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4017 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4017
Description  Johnson decade counter with 10 decoded outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4017 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4017 Datasheet HTML 1Page - NXP Semiconductors 74HC4017 Datasheet HTML 2Page - NXP Semiconductors 74HC4017 Datasheet HTML 3Page - NXP Semiconductors 74HC4017 Datasheet HTML 4Page - NXP Semiconductors 74HC4017 Datasheet HTML 5Page - NXP Semiconductors 74HC4017 Datasheet HTML 6Page - NXP Semiconductors 74HC4017 Datasheet HTML 7Page - NXP Semiconductors 74HC4017 Datasheet HTML 8Page - NXP Semiconductors 74HC4017 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
December 1990
2
Philips Semiconductors
Product specification
Johnson decade counter with 10 decoded outputs
74HC/HCT4017
FEATURES
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4017 are high-speed Si-gate CMOS
devices and are pin compatible with the “4017” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4017 are 5-stage Johnson decade
counters with 10 decoded active HIGH outputs (Q0 to Q9),
an active LOW output from the most significant flip-flop
(Q5-9), active HIGH and active LOW clock inputs (CP0 and
CP1) and an overriding asynchronous master reset input
(MR).
The counter is advanced by either a LOW-to-HIGH
transition at CP0 while CP1 is LOW or a HIGH-to-LOW
transition at CP1 while CP0 is HIGH (see also function
table).
When cascading counters, the Q5-9 output, which is LOW
while the counter is in states 5, 6, 7, 8 and 9, can be used
to drive the CP0 input of the next counter.
A HIGH on MR resets the counter to zero
(Q0 = Q5-9 = HIGH; Q1 to Q9 = LOW) independent of the
clock inputs (CP0 and CP1).
Automatic code correction of the counter is provided by an
internal circuit: following any illegal code the counter
returns to a proper counting mode within 11 clock pulses.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi+∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay CP0, CP1 to Qn
CL = 15 pF; VCC = 5 V 2021ns
fmax
maximum clock frequency
77
67
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
35
36
pF


Similar Part No. - 74HC4017

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017 NEXPERIA-74HC4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017BQ NXP-74HC4017BQ Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017BQ NEXPERIA-74HC4017BQ Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
More results

Similar Description - 74HC4017

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com