Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD6.8M Datasheet(PDF) 3 Page - NEC

Part # RD6.8M
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD6.8M Datasheet(HTML) 3 Page - NEC

  RD6.8M Datasheet HTML 1Page - NEC RD6.8M Datasheet HTML 2Page - NEC RD6.8M Datasheet HTML 3Page - NEC RD6.8M Datasheet HTML 4Page - NEC RD6.8M Datasheet HTML 5Page - NEC RD6.8M Datasheet HTML 6Page - NEC RD6.8M Datasheet HTML 7Page - NEC RD6.8M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14716EJ6V0DS00
RD2.0M to RD47M
3
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
B
8.56
9.55
RD9.1M
B1
8.56
8.93
5
30
5
2
6.0
B2
8.85
9.23
B3
9.15
9.55
B
9.45
10.55
RD10M
B1
9.45
9.87
5
30
5
2
7.0
B2
9.77
10.21
B3
10.11
10.55
B
10.44
11.56
RD11M
B1
10.44
10.88
5
30
5
2
8.0
B2
10.76
11.22
B3
11.10
11.56
B
11.42
12.60
RD12M
B1
11.42
11.90
5
35
5
2
9.0
B2
11.74
12.24
B3
12.08
12.60
B
12.47
13.96
RD13M
B1
12.47
13.03
535
5
2
10
B2
12.91
13.49
B3
13.37
13.96
B
13.84
15.52
RD15M
B1
13.84
14.46
540
5
2
11
B2
14.34
14.98
B3
14.85
15.52
B
15.37
17.09
RD16M
B1
15.37
16.01
540
5
2
12
B2
15.85
16.51
B3
16.35
17.09
B
16.94
19.03
RD18M
B1
16.94
17.70
545
5
2
13
B2
17.56
18.35
B3
18.21
19.03
B
18.86
21.08
RD20M
B1
18.86
19.70
550
5
2
15
B2
19.52
20.39
B3
20.21
21.08
B
20.88
23.17
RD22M
B1
20.88
21.77
555
5
2
17
B2
21.54
22.47
B3
22.23
23.17
B
22.93
25.57
RD24M
B1
22.93
23.96
560
5
2
19
B2
23.72
24.78
B3
24.54
25.57
RD27M
B
25.10
28.90
2
70
2
2
21
RD30M
B
28.00
32.00
2
80
2
2
23
RD33M
B
31.00
35.00
2
80
2
2
25
RD36M
B
34.00
38.00
2
90
2
2
27
RD39M
B
37.00
41.00
2
100
2
2
30
RD43M
B
40.0
45.0
2
130
2
2
33
RD47M
B
44.0
49.0
2
150
2
2
36
Type
Number
Zener Voltage
VZ (V)Note 1
Dynamic Impedance
ZZ (
Ω)Note 2
Reverse Current
IR (
µA)
Note 1. Tested with pulse (40 ms).
2. ZZ is measured at IZ by given a very small A.C. current signal.
Class


Similar Part No. - RD6.8M

ManufacturerPart #DatasheetDescription
logo
NEC
RD6.8M NEC-RD6.8M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD6.8MW NEC-RD6.8MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD6.8M

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com