Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE2AN-P-DC12V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # HE2AN-P-DC12V
Description  TV-15, 30 AMP (1 Form A) Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HE2AN-P-DC12V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  HE2AN-P-DC12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HE2AN-P-DC12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HE2AN-P-DC12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HE2AN-P-DC12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HE2AN-P-DC12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HE2AN-P-DC12V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HE
115
HE RELAY ACCESSORIES
Terminal socket instantly attachable to DIN rail
TYPES
Part No.
Applicable relays
JH1-SF
HE1a/JH1a
JH2-SF
HE2a/JH2a
SPECIFICATIONS
* Don't insert or remove relays while in the energized condition.
Part No.
JH1, JH2
Maximum continuous
current*
20 A 250 V AC (1a: 30 A 250 V AC)
Breakdown voltage
2,000 Vrms between terminals
Insulation resistance
More than 1,000 M
Ω between poles
Heat resistance
150
°C ±3°C for 1 hour
DIMENSIONS
1 Form A, 2 Form A
60
2.362
22
.866
11
.433
9.2
.362
14.4
.567
16
.630
23
.906
11
.433
8.4
.331
34
1.339
70
2.756
4
.157
10.25
.404
9
.354
9
.354
6
8
7
5
1
2
3
4
Relay mounting diagram
Panel cutout
61
2.402
40
1.575
2-DIA. 4.2
2-DIA. .165
(2-M4 Screw hole)
(2-M.157 Screw hole)
mm inch
MOUNTING METHOD
1. Relay mounting
2. Installing to a DIN rain
3. Removing from a DIN rain
Push
Flat-head screw driver
NOTE
1. Be careful not to drop the relay. It is
made of heat-hardened resin and may
break.
2. Be sure to tighten the screw- down ter-
minals firmly. Loose terminals may lead to
the generation of heat.
12/27/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - HE2AN-P-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE2AN-AC100V PANASONIC-HE2AN-AC100V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-AC12V PANASONIC-HE2AN-AC12V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-AC200V PANASONIC-HE2AN-AC200V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-AC24V PANASONIC-HE2AN-AC24V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
HE2AN-AC48V PANASONIC-HE2AN-AC48V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
More results

Similar Description - HE2AN-P-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
   REED RELAY, 1 FORM A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com