Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026A-12JC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C31026A-12JC
Description  5V/3.3V 64K X 16 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026A-12JC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C31026A-12JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026A-12JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AS7C1026A
AS7C31026A
®
2/6/01
Alliance Semiconductor
P. 8 of 9
Notes
1
Bump counts: 48 (8 row x 6 column).
2
Pitch: (x,y) = 0.75 mm x 0.75 mm (typ).
3
Units: millimeters.
4
All tolerance are +/- 0.050 unless otherwise
specified.
5
Typ: typical.
6
Y is coplanarity: 0.08 (max).
Minimum
Typical
Maximum
A–
0.75
B
5.90
8.00
8.10
B1
3.75
C
7.90
8.00
8.10
C1
5.25
D–
0.35
E–
1.20
E1
0.68
E2
0.22
0.25
0.27
Y–
0.08
48-ball FBGA
Bottom View
6
543
2
1
Ball A1
C1
A
B
C
D
F
G
H
J
A
B1
Side View
Top View
Ball #A1 index
C
SRAM DIE
Elastomer
B
Detail View
A
Y
Die
0.3/T
µp
E2
E
Die
D
E1
E2
E
*pin 1 indicator will show as
engraved circle and/or Inc. trade mark
*


Similar Part No. - AS7C31026A-12JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026A-12JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com