Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-8209-TR1 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-8209-TR1
Description  Surface Mount Microwave Schottky Mixer Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-8209-TR1 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-8209-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-8209-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-8209-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-8209-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-8209-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Outline 143 (SOT-143)
Package Dimensions
Outline 23 (SOT-23)
Package Characteristics
Lead Material ...................................................................................... Alloy 42
Lead Finish ............................................................................ Tin-Lead 85-15%
Maximum Soldering Temperature .............................. 260
°C for 5 seconds
Minimum Lead Strength .......................................................... 2 pounds pull
Typical Package Inductance .................................................................. 2 nH
Typical Package Capacitance .............................. 0.08 pF (opposite leads)
3
1
2
SIDE VIEW
TOP VIEW
END VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
0.60 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
1.02 (0.041)
0.85 (0.033)
0.152 (0.006)
0.066 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
0.69 (0.027)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.60 (0.024)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
0.10 (0.004)
0.013 (0.0005)
1.04 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
2.04 (0.080)
1.78 (0.070)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.15 (0.006)
0.09 (0.003)
3.06 (0.120)
2.80 (0.110)
PACKAGE
MARKING
CODE (XX)
43
1
2
X X X
DATE CODE (X)


Similar Part No. - HSMS-8209-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
More results

Similar Description - HSMS-8209-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8202-BLKG AVAGO-HSMS-8202-BLKG Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 AVAGO-HSMS-8101_15 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
Broadcom Corporation.
HSMS-8207 BOARDCOM-HSMS-8207 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8202 BOARDCOM-HSMS-8202 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8209 BOARDCOM-HSMS-8209 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
HSMS-8101 BOARDCOM-HSMS-8101 Datasheet
93Kb / 7P
   Surface Mount Microwave Schottky Mixer Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-8101 AVAGO-HSMS-8101 Datasheet
236Kb / 6P
   Surface Mount Microwave Schottky Mixer Diodes Low Capacitance
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com