Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AW256MN70ZH1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68AW256MN70ZH1
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256MN70ZH1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68AW256MN70ZH1 Datasheet HTML 6Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 7Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 8Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 9Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 10Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 11Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 12Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 13Page - STMicroelectronics M68AW256MN70ZH1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M68AW256M
10/23
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. Operating and AC Measurement Conditions
Figure 6. AC Measurement I/O Waveform
Figure 7. AC Measurement Load Circuit
Parameter
M68AW256M
VCC Supply Voltage
2.7 to 3.6V
Ambient Operating Temperature
Range 1
0 to 70°C
Range 6
–40 to 85°C
Load Capacitance (CL)
30pF
Output Circuit Protection Resistance (R1)
3.0k
Load Resistance (R2)
3.1k
Input Rise and Fall Times
1ns/V
Input Pulse Voltages
0 to VCC
Input and Output Timing Ref. Voltages
VCC/2
Output Transition Timing Ref. Voltages
VRL = 0.3VCC; VRH = 0.7VCC
AI05831
VCC
I/O Timing Reference Voltage
0V
VCC/2
VCC
Output Timing Reference Voltage
0V
0.7VCC
0.3VCC
AI05832
VCC
OUT
CL includes probe and 1 TTLcapacitance
DEVICE
UNDER
TEST
CL
R1
R2


Similar Part No. - M68AW256MN70ZH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ND1T STMICROELECTRONICS-M68AW256DL55ND1T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ND6T STMICROELECTRONICS-M68AW256DL55ND6T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ZB1T STMICROELECTRONICS-M68AW256DL55ZB1T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256DL55ZB6T STMICROELECTRONICS-M68AW256DL55ZB6T Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
More results

Similar Description - M68AW256MN70ZH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
May 2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
   8 Mbit (512K x16) 3.0V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com