Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.4M Datasheet(PDF) 4 Page - NEC

Part # RD2.4M
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.4M Datasheet(HTML) 4 Page - NEC

  RD2.4M Datasheet HTML 1Page - NEC RD2.4M Datasheet HTML 2Page - NEC RD2.4M Datasheet HTML 3Page - NEC RD2.4M Datasheet HTML 4Page - NEC RD2.4M Datasheet HTML 5Page - NEC RD2.4M Datasheet HTML 6Page - NEC RD2.4M Datasheet HTML 7Page - NEC RD2.4M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14716EJ6V0DS00
RD2.0M to RD47M
4
TYPICAL CHARACTERISTICS (TA = 25
°C)
Fig. 1 P–TA RATING
Fig. 2 IZ – VZ CHARACTERISTICS (a to e)
0
100 m
VZ - Zener Voltage - V
(a)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
123456789
10
0
100 m
VZ - Zener Voltage - V
(b)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
7
8
9
10
11
12
13
14
15
RD10M
RD11M RD12M
RD13M
11
100 m
VZ - Zener Voltage - V
(c)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
12
13
14
15
16
17
18
19
20
RD15M
RD16M RD18M RD20M
0
100 m
VZ - Zener Voltage - V
(d)
100
10 m
1 m
µ
10
µ
1
µ
100 n
10 n
1 n
RD22M
RD24M RD27M RD30M
15
20
22
24
25
28
30
RD2.0M
RD2.2M
RD2.4M
RD2.7M
RD3.0M
RD3.3M
RD3.3M
RD3.6M
RD4.3M
RD4.7M
RD5.1M
RD5.6M RD6.2M
RD9.1M
RD8.2M
RD6.8M RD7.5M
TA - Ambient Temperature -
°C
250
200
150
0
100
50
25
50
75
100
125
150


Similar Part No. - RD2.4M

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.4M NEC-RD2.4M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.4MW NEC-RD2.4MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD2.4M

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com