Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZD051 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZD051
Description  Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZD051 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZD051 Datasheet HTML 1Page - Panasonic Semiconductor MAZD051 Datasheet HTML 2Page - Panasonic Semiconductor MAZD051 Datasheet HTML 3Page - Panasonic Semiconductor MAZD051 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zener Diodes
1
Publication date: September 2004
SKE00020AED
MAZDxxx Series
Silicon planar type
For constant voltage, constant current,
waveform clipper and surge absorption circuit
■ Features
• Low noise type
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Total power dissipation *
PT
120
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
■ Common Electrical Characteristics T
a = 25°C ± 3°C
*1
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
1: Anode
2: Cathode
SSSMini2-F2 Package
Note) *:Ptot
= 100 mW achieved with a printed circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example)
MAZD062: DF
5
°
0.27
1
2
0.60±0.05
+0.05
–0.02
0.12
+0.05
–0.02
Refer to the list of the
electrical characteristics
within part numbers


Similar Part No. - MAZD051

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
MAZD051 PANASONICBATTERY-MAZD051 Datasheet
64Kb / 4P
   Low noise type
More results

Similar Description - MAZD051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com