Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1026A-15 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C1026A-15
Description  5V/3.3V 64K X 16 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026A-15 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C1026A-15 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026A-15 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS7C1026A
AS7C31026A
2/6/01; V.0.9
Alliance Semiconductor
P. 3 of 9
Recommended operating conditions
V
IL min. = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Capacitance (f = 1MHz, Ta = 25 °C, VCC = NOMINAL)
2
Parameter
Device
Symbol
Min
Nominal
Max
Unit
Supply voltage
AS7C1026A
VCC
4.5
5.0
5.5
V
AS7C31026A
VCC
3.0
3.3
3.6
V
Input voltage
AS7C1026A
VIH
2.2
VCC + 0.5
V
AS7C31026A
VIH
2.0
VCC + 0.5
V
Both
VIL
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0–
70
oC
industrial
TA
–40
85
oC
Parameter
Sym
Test conditions
Device
-10
-12
-15
-20
Unit
Min Max Min Max Min
Max
Min
Max
Input leakage
current
| I
LI |
VCC = Max
VIN = GND to VCC
Both
1
1
1
1
µA
Output leakage
current
| I
LO |
VCC = Max
CE = VIH,
VOUT = GND to VCC
Both
1
1
1
1
µA
Operating power
supply current
ICC
VCC = Max, CE ≤ VIL
outputs open,
f = fMax = 1/tRC
AS7C1026A
120
110
100
100
mA
AS7C31026A
90
80
80
80
mA
Standby
power supply
current
ISB
VCC = Max, CE ≤ VIL,
outputs open,
f = fMax = 1/tRC
AS7C1026A
30
25
20
20
mA
AS7C31026A
30
25
20
20
ISB1
VCC = Max, CE ≥ VCC–0.2V,
VIN ≤ GND + 0.2V or
VIN ≥ VCC–0.2V, f = 0
AS7C1026A
10
10
10
15
mA
AS7C31026A
10
10
10
15
Output
voltage
VOL
IOL = 8 mA, VCC = Min
AS7C1026A
0.4
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
AS7C31026A
2.4
2.4
2.4
2.4
V
Data retention
current
ICCDR
VCC = 2.0V
CE
≥ V
CC–0.2V
VIN ≥ VCC–0.2V or
VIN ≤ 0.2V
AS7C1026A
11
1
5
mA
AS7C31026A
11
1
5
mA
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS7C1026A-15

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026 ALSC-AS7C1026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026-12 ALSC-AS7C1026-12 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C1026-12BC ALSC-AS7C1026-12BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C1026A-15

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com