Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1958 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1958
Description  W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1958 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1958 Datasheet HTML 1Page - Maxim Integrated Products MAX1958 Datasheet HTML 2Page - Maxim Integrated Products MAX1958 Datasheet HTML 3Page - Maxim Integrated Products MAX1958 Datasheet HTML 4Page - Maxim Integrated Products MAX1958 Datasheet HTML 5Page - Maxim Integrated Products MAX1958 Datasheet HTML 6Page - Maxim Integrated Products MAX1958 Datasheet HTML 7Page - Maxim Integrated Products MAX1958 Datasheet HTML 8Page - Maxim Integrated Products MAX1958 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX1958/MAX1959 power amplifier (PA) power-
management ICs (PMICs) integrate an 800mA, dynami-
cally adjustable step-down converter, a 5mA Rail-to-
Rail® operational amplifier (op amp), and a precision
temperature sensor to power a heterojunction bipolar
transistor (HBT) PA in W-CDMA and N-CDMA cell
phones.
The high-efficiency, pulse-width modulated (PWM), DC-
to-DC buck converter is optimized to provide a guaran-
teed output current of 800mA. The output voltage is
dynamically controlled to produce any fixed-output volt-
age in the range of 0.75V to 3.4V (MAX1958) or 1V to
3.6V (MAX1959), with settling time less than 30µs for a
full-scale change in voltage and current. The 1MHz PWM
switching frequency allows the use of small external
components while pulse-skip mode reduces quiescent
current to 190µA with light loads. The converter utilizes a
low on-resistance internal MOSFET switch and synchro-
nous rectifier to maximize efficiency and minimize
external component count. The 100% duty-cycle opera-
tion allows for an IC dropout voltage of only 130mV (typ)
at 600mA load.
The micropower op amp is used to provide bias to the
HBT PA to maximize efficiency. The amplifier features
active discharge in shutdown for full PA bias control. It
has 5mA rail-to-rail drive capability, 800kHz gain-band-
width product, and 120dB open-loop voltage gain.
The precision temperature sensor measures tempera-
tures between -40°C to +125°C, with linear tempera-
ture-to-voltage analog output characteristics.
The MAX1958/MAX1959 are available in a 20-pin 5mm
5mm thin QFN package (0.8mm max height).
Applications
W-CDMA and N-CDMA Cellular Phones
Wireless PDAs and Modems
Features
o Step-Down Converter
Dynamically Adjustable Output Voltage from
0.75V to 3.4V (MAX1958)
Dynamically Adjustable Output Voltage from
1V to 3.6V (MAX1959)
800mA Guaranteed Output Current
130mV IC Dropout at 600mA Load
Low Quiescent Current
190µA (typ) in Skip Mode (MAX1958)
3mA (typ) in PWM Mode
0.1µA (typ) in Shutdown Mode
1MHz Fixed-Frequency PWM operation
16% to 100% Duty-Cycle Operation
No External Schottky Diode Required
Soft-Start
o Operational Amplifier
5mA Rail-to-Rail Output
Active Discharge in Shutdown
800kHz Gain-Bandwidth Product
120dB Open-Loop Voltage Gain (RL = 100k
Ω)
o Temperature Sensor
Accurate Sensor -11.7mV/°C Slope
-40°C to +125°C-Rated Temperature Range
o 20-Pin Thin QFN (5mm 5mm), 0.8mm Height (max)
W-CDMA/N-CDMA Cellular Phone HBT PA
Management ICs
________________________________________________________________ Maxim Integrated Products
1
13
12
11
14
15
LX
IN
INP
PWM
PGND
4
3
2
1
TOUT
AGND
SHDN2
AOUT
5
REF
MAX1958/
MAX1959
TOP VIEW
THIN QFN
5mm x 5mm
Pin Configuration
Ordering Information
19-2659; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1958ETP
-40
°C to +85°C
20 Thin QFN-EP*
MAX1959ETP
-40
°C to +85°C
20 Thin QFN-EP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Typical Operating Circuit and Functional Diagram appear at
end of data sheet.
EVALUATION
KIT
AVAILABLE
*EP = Exposed paddle.


Similar Part No. - MAX1958

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19586ETN MAXIM-MAX19586ETN Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19588ETND MAXIM-MAX19588ETND Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
More results

Similar Description - MAX1958

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
TriQuint Semiconductor
TQM613025 TRIQUINT-TQM613025 Datasheet
159Kb / 1P
   CDMA Cellular Band PA/Duplexer Module
TQM613027 TRIQUINT-TQM613027 Datasheet
116Kb / 1P
   CDMA Cellular Band PA/Duplexer Module
logo
RF Micro Devices
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
Mitsubishi Electric Sem...
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
   GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com