Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W400DB55ZE1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29W400DB55ZE1
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DB55ZE1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29W400DB55ZE1 Datasheet HTML 6Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 7Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 8Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 9Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 10Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 11Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 12Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 13Page - STMicroelectronics M29W400DB55ZE1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
M29W400DT, M29W400DB
10/38
SIGNAL DESCRIPTIONS
See
Figure
2., Logic
Diagram,
and
Table
1., Signal Names, for a brief overview of the sig-
nals connected to this device.
Address Inputs (A0-A17). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the Program/Erase Con-
troller.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the commands
sent to the Command Interface of the Program/
Erase Controller.
Data Inputs/Outputs (DQ8-DQ14). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation when BYTE
is High, VIH. When BYTE is Low, VIL, these pins
are not used and are high impedance. During Bus
Write operations the Command Register does not
use these bits. When reading the Status Register
these bits should be ignored.
Data Input/Output or Address Input (DQ15A-1).
When BYTE is High, VIH, this pin behaves as a
Data Input/Output pin (as DQ8-DQ14). When
BYTE is Low, VIL, this pin behaves as an address
pin; DQ15A–1 Low will select the LSB of the Word
on the other addresses, DQ15A–1 High will select
the MSB. Throughout the text consider references
to the Data Input/Output to include this pin when
BYTE is High and references to the Address In-
puts to include this pin when BYTE is Low except
when stated explicitly otherwise.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read and Bus Write op-
erations to be performed. When Chip Enable is
High, VIH, all other pins are ignored.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the memory.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
Reset/Block Temporary Unprotect (RP). The
Reset/Block Temporary Unprotect pin can be
used to apply a Hardware Reset to the memory or
to temporarily unprotect all Blocks that have been
protected.
A Hardware Reset is achieved by holding Reset/
Block Temporary Unprotect Low, VIL, for at least
tPLPX. After Reset/Block Temporary Unprotect
goes High, VIH, the memory will be ready for Bus
Read and Bus Write operations after tPHEL or
tRHEL, whichever occurs last. See the Ready/Busy
Output section, Table 15 and Figure 15, Reset/
Temporary Unprotect AC Characteristics for more
details.
Holding RP at VID will temporarily unprotect the
protected Blocks in the memory. Program and
Erase operations on all blocks will be possible.
The transition from VIH to VID must be slower than
tPHPHH.
Ready/Busy Output (RB). The Ready/Busy pin
is an open-drain output that can be used to identify
when the memory array can be read. Ready/Busy
is high-impedance during Read mode, Auto Select
mode and Erase Suspend mode.
After a Hardware Reset, Bus Read and Bus Write
operations cannot begin until Ready/Busy be-
comes high-impedance. See Table 15 and Figure
15, Reset/Temporary Unprotect AC Characteris-
tics.
During Program or Erase operations Ready/Busy
is Low, VOL. Ready/Busy will remain Low during
Read/Reset commands or Hardware Resets until
the memory is ready to enter Read mode.
Byte/Word Organization Select (BYTE). The
Byte/Word Organization Select pin is used to
switch between the 8-bit and 16-bit Bus modes of
the memory. When Byte/Word Organization Se-
lect is Low, VIL, the memory is in 8-bit mode, when
it is High, VIH, the memory is in 16-bit mode.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (Read, Pro-
gram, Erase etc.).
The Command Interface is disabled when the VCC
Supply Voltage is less than the Lockout Voltage,
VLKO. This prevents Bus Write operations from ac-
cidentally damaging the data during power up,
power down and power surges. If the Program/
Erase Controller is programming or erasing during
this time then the operation aborts and the memo-
ry contents being altered will be invalid.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pin and the VSS Ground
pin to decouple the current surges from the power
supply. The PCB track widths must be sufficient to
carry the currents required during program and
erase operations, ICC3.
VSS Ground. The VSS Ground is the reference for
all voltage measurements.


Similar Part No. - M29W400DB55ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DB55ZE1 STMICROELECTRONICS-M29W400DB55ZE1 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DB55ZE1 NUMONYX-M29W400DB55ZE1 Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB55ZE1E STMICROELECTRONICS-M29W400DB55ZE1E Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DB55ZE1E NUMONYX-M29W400DB55ZE1E Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB55ZE1F STMICROELECTRONICS-M29W400DB55ZE1F Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DB55ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com