Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ6961-1C-9D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ6961-1C-9D
Description  10 AMP SUBMINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ6961-1C-9D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ6961-1C-9D Datasheet HTML 1Page - ZETTLER Electronics AZ6961-1C-9D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-07-29
AZ6961
10 AMP SUBMINIATURE
POWER RELAY
FEATURES
• High sensitivity, 120 mW pickup
• Dielectric strength 5000 Vrms
• Isolation spacing greater than 8 mm
• 10 Amp switching capability
• Epoxy sealed version available
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
• UL, CUR file E43203
• VDE file 131637
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 8 A 250 VAC res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
Break Contact: 5 g at 10 …500 Hz
Make Contact:
20 g at 10…500 Hz
Shock
10 g
Enclosure
P.B.T. polyester, UL94 V-O
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
8 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 240 W or 2500 VA
Max. switched current: 10 A
Max. switched voltage: 240* VDC or 440 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
10 A at 250 VAC resistive [1]
8 A at 30 VDC / 250 VAC [1]
8 A at 30 VDC / 250 VAC, 100k cycles [2]
B300 Pilot Duty [1]
R300 Pilot Duty [1]
VDE
8 A at 250 VAC resistive, [1], [2] and [3]
[1] Silver cadmium oxide, [2] Silver tin oxide,
[3] Silver nickel
Material
Silver cadmium oxide, silver tin oxide
or silver nickel, gold plating available
Resistance
< 100 milliohms initially
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
120 mW
(typical)
140 mW (60 VDC coil)
Max. Continuous
1.2 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
20°C (36°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)


Similar Part No. - AZ6961-1C-9D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6961-1C-9D ZETTLER-AZ6961-1C-9D Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results

Similar Description - AZ6961-1C-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com