Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ976-1B-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ976-1B-12D
Description  20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ976-1B-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ976-1B-12D Datasheet HTML 1Page - ZETTLER Electronics AZ976-1B-12D Datasheet HTML 2Page - ZETTLER Electronics AZ976-1B-12D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RELAY ORDERING DATA — AZ 976 - With Dust Cover
COIL SPECIFICATIONS - DC Coil
ORDER NUMBER*
Nominal Coil
Must Operate VDC
Max. Continuous
Coil Resistance
Form A
Form B
Form C
VDC
A.B.C.U.V.
W.
VDC
±10%
[SPST NO]
[SPST NC]
[SPDT]
6
3.75
4.5
9.2
28
AZ976–1A–6D
AZ976–1B–6D
AZ976–1C–6D
12
7.5
9.0
20.0
130
AZ976–1A–12D
AZ976–1B–12D
AZ976–1C–12D
24
15.0
18.0
40.0
520
AZ976–1A–24D
AZ976–1B–24D
AZ976–1C–24D
* Add suffix “E” for epoxy sealed version. Use “U”, “V” or “W” in place of “A” for Form U, Form V or Form W relays.
Add suffix “T” for silver tin oxide.
2003-06-13
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ975/AZ976
AZ 975 Suggested PCB Layout
AZ 975 Outline Dimensions
Bottom View
Bottom View
AZ 976 Outline Dimensions
RELAY ORDERING DATA — AZ 975 - Open Style
COIL SPECIFICATIONS - DC Coil
ORDER NUMBER*
Nominal Coil
Must Operate VDC
Max. Continuous
Coil Resistance
Form A
Form B
Form C
VDC
A.B.C.U.V.
W.
VDC
±10%
[SPST NO]
[SPST NC]
[SPDT]
6
3.75
4.5
9.75
28
AZ975–1A–6D
AZ975–1B–6D
AZ975–1C–6D
12
7.5
9.0
21.0
130
AZ975–1A–12D
AZ975–1B–12D
AZ975–1C–12D
24
15.0
18.0
42.0
520
AZ975–1A–24D
AZ975–1B–24D
AZ975–1C–24D
* Use “U”, “V” or “W” in place of “A” for Form U, Form V or Form W relays.
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± 0.010"
AZ 976 Suggested PCB Layout


Similar Part No. - AZ976-1B-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ976-1B-12DT AZETTLER-AZ976-1B-12DT Datasheet
115Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ976-1B-12DT ZETTLER-AZ976-1B-12DT Datasheet
97Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results

Similar Description - AZ976-1B-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ934 ZETTLER-AZ934_14 Datasheet
53Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935 Datasheet
84Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ975 ZETTLER-AZ975_14 Datasheet
97Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935_14 Datasheet
46Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ934 ZETTLER-AZ934 Datasheet
134Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ970 ZETTLER-AZ970 Datasheet
84Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com