Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ975-1B-24D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ975-1B-24D
Description  20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ975-1B-24D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ975-1B-24D Datasheet HTML 1Page - ZETTLER Electronics AZ975-1B-24D Datasheet HTML 2Page - ZETTLER Electronics AZ975-1B-24D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107 operations
Electrical
1 x 105 operations at 12 A 14 VDC Res.
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
1.5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.)
500 Vrms between open contacts
Insulation Resistance
100 megohms min. at 20°C,
500 VDC, 50% RH
Dropout
> 6% (for B&V), > 11% (for ACUW)
of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55Hz
Shock
10 g, 11 ms, functional
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
AZ975 = 8g, AZ976 = 12g, approx.
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-06-13
AZ975/AZ976
NOTES
1. All values at 20°C (68°F).
2. Maximum make current refers to in-rush current of lamp load.
3. Electrical life obtained at resistive or inductive load of 10A,
15 VDC for A, B, C, U, V contacts, 7A, 15 VDC for W contacts
with suitable arcsuppression circuit attached with operating
frequency of 1 ops/sec.
4. Relay may pull in with less than “Must Operate” value.
5. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
514 mW (12 and 24 VDC Coil)
(typical)
573 mW (6 VDC Coil)
Max. Continuous
3.4 W 20°C (68°F) ambient - AZ975
Dissipation
3.1 W 20°C (68°F) ambient - AZ976
Temperature Rise
50°C (90°F) nominal coil VDC
Max. Temperature
155°C (311°F)
CONTACTS
Arrangement
SPSTNO (1 Form A)
SPST NO DM (1 Form U)
SPSTNC (1 Form B)
SPST NC DB (1 Form V)
SPDT (B-M) (1 Form C) SPDT NC-NO DM (1 Form W)
Ratings
Max. switched power: 200 W (See power curve)
500 VA
Max. switched voltage: 100 VDC
Max. switched current (make/break), continuous:
1 Form A:
60A/20A, 15A
1 Form B:
12A/10A, 10A
1 Form C (NO):
60A/20A, 15A
1 Form C (NC):
12A/10A, 10A
1 Form U:
2X40A/2X20A, 2X10A
1 Form V:
2X8A/2X7A, 2X7A
1 Form W (NO):
2X30A/2X15A, 2X7A
1 Form W (NC):
2X5A/2X5A. 2X5A
Material
Silver nickel or silver tin oxide
Resistance
< 100 milliohms at 1A, 5 VDC
20 AMP SUB-MINIATURE
POWER RELAY FOR
AUTOMOTIVE USE
FEATURES
• Low cost
• Up to 20 Amp switching capability in a compact size
• Open, covered or sealed
• Coils to 24 VDC
• Small footprint
• Six different contact arrangements available
• Vibration and shock resistant
• Designed for high in-rush applications


Similar Part No. - AZ975-1B-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ975-1B-24DT AZETTLER-AZ975-1B-24DT Datasheet
115Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
More results

Similar Description - AZ975-1B-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ934 ZETTLER-AZ934_14 Datasheet
53Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935 Datasheet
84Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ975 ZETTLER-AZ975_14 Datasheet
97Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935_14 Datasheet
46Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ934 ZETTLER-AZ934 Datasheet
134Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ970 ZETTLER-AZ970 Datasheet
84Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com