Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9080LSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9080LSR3
Description  RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9080LSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9080LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9080LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5−2
Freescale Semiconductor
Wireless RF Product Device Data
MRF9080LR3 MRF9080LSR3
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vds, VGS = 0)
IDSS
1
µAdc
Gate−Source Leakage Current
(VGS = 5 Vdc, VDS = 0 )
IGSS
1
µAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 300 µAdc)
VGS(th)
2.0
4.0
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 700 mAdc)
VGS(Q)
3.7
Vdc
Drain−Source On−Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
0.19
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 6 Adc)
gfs
8.0
S
Dynamic Characteristics (1)
Output Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Coss
73
pF
Reverse Transfer Capacitance
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
2.9
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) (2)
Power Output, 1 dB Compression Point
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
P1dB
68
75
W
Common−Source Amplifier Power Gain @ 70 W (Min)
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
Gps
17
18.5
20
dB
Drain Efficiency @ Pout = 70 W
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
η1
47
52
%
Drain Efficiency @ P1dB
(VDD = 26 Vdc, IDQ = 600 mA, f = 921 and 960 MHz)
η2
55
%
Input Return Loss
(VDD = 26 Vdc, Pout = 70 W, IDQ = 600 mA, f = 921 and 960 MHz)
IRL
9.5
12.5
dB
Output Mismatch Stress
(VDD = 26 Vdc, Pout = 90 W CW, IDQ = 600 mA,
f = 921 MHz, VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
1. Part is internally input matched.
2. To meet application requirements, Freescale test fixtures are designed to cover full GSM 900 band ensuring batch to batch consistency


Similar Part No. - MRF9080LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9080LSR3 MOTOROLA-MRF9080LSR3 Datasheet
439Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - MRF9080LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060 FREESCALE-MRF9060 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
479Kb / 16P
   RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com