Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ963 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ963
Description  SPDT SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ963 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ963 Datasheet HTML 1Page - ZETTLER Electronics AZ963 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 6 A 250 VAC Res.
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Surge Voltage
Coil to contact
5,000V (at 1.2x50 µs)
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 2
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–50 Hz
Shock
20 g operating, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
AZ963
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-11-29
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 180 W or 1500 VA
Max. switched current: 6A
Max. switched voltage: 220 VDC* or 380 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
6 A at 250 VAC, Resistive
6 A at 24 VDC, Resistive
VDE
5 A at 250 VAC, Resistive [1]
4 A at 250 VAC, Resistive [2]
Material
Silver nickel [1] or silver tin oxide [2]
Resistance
<100 milliohms initially
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
113 mW
(typical)
Max. Continuous
0.96 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
30°C (54°F) at nominal coil voltage
Temperature
Max. 155°C (266°F)
SPDT SUBMINIATURE
POWER RELAY
FEATURES
• 4 kV dielectric strength, 5 kV surge
• Proof tracking index (PTI/CTI) 250
• 6 Amp switching
• 10 A version (1 Form A) upon request
• Epoxy sealed
• UL, CUR file E43203
• VDE file 40011689


Similar Part No. - AZ963

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
AZ960-1C-12D AZETTLER-AZ960-1C-12D Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
AZ960-1C-12DS AZETTLER-AZ960-1C-12DS Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
AZ960-1C-14D AZETTLER-AZ960-1C-14D Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
AZ960-1C-14DS AZETTLER-AZ960-1C-14DS Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ963

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ770 ZETTLER-AZ770_14 Datasheet
52Kb / 3P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767 AZETTLER-AZ767 Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ770 AZETTLER-AZ770 Datasheet
119Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767_15 Datasheet
485Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ770 ZETTLER-AZ770 Datasheet
55Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ767 ZETTLER-AZ767 Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com