Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9751EUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9751EUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9751EUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9751EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 9Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 10Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 11Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 12Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 13Page - Maxim Integrated Products MAX9751EUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
10
______________________________________________________________________________________
Pin Description
PIN
MAX9750
MAX9751
MAX9755
THIN
QFN
TSSOP
THIN
QFN
TSSOP
THIN
QFN
TSSOP
NAME
FUNCTION
1
5
2
6
INL
Left-Channel Audio Input
2
6
————
BEEP
Audible Alert Beep Input
3, 19
7, 23
3, 19
7, 23
3, 19
7, 23
PGND
Power Ground
484848
OUTL+
Left-Channel Positive Speaker Output
595959
OUTL-
Left-Channel Negative Speaker Output
6, 16
10, 20
6, 16
10, 20
6, 16
10, 20
PVDD
Speaker Amplifier Power Supply
711711
711
CPVDD
Charge-Pump Power Supply
8
12
8
12
8
12
C1P
Charge-Pump Flying-Capacitor Positive Terminal
913913
913
CPGND
Charge-Pump Ground
10
14
10
14
10
14
C1N
Charge-Pump Flying-Capacitor Negative Terminal
11
15
11
15
11
15
CPVSS
Charge-Pump Output. Connect to VSS.
12
16
12
16
12
16
VSS
Headphone Amplifier Negative Power Supply
13
17
13
17
13
17
HPOUTR
Right-Channel Headphone Output
14
18
14
18
14
18
HPOUTL
Left-Channel Headphone Output
15
19
15
19
15
19
HPVDD
Headphone Positive Power Supply
17
21
17
21
17
21
OUTR-
Right-Channel Negative Speaker Output
18
22
18
22
18
22
OUTR+
Right-Channel Positive Speaker Output
20
24
20
24
20
24
HPS
Headphone Sense Input
21
25
21
25
21
25
BIAS
Common-Mode Bias Voltage. Bypass with a 1
µF
capacitor to GND.
22
26
22
26
22
26
SHDN
Shutdown. Drive SHDN low to disable the device.
Connect SHDN to VDD for normal operation.
23
27
————
GAIN2
Gain Control Input 2
24
28
————
GAIN1
Gain Control Input 1
25
1
25
1
25
1
VDD
Power Supply
26
2
26
2
23, 26
2, 27
GND
Ground
27
3
28
4
INR
Right-Channel Audio Input
28
4
————
VOL
Analog Volume Control Input
1
5
INL1
Left-Channel Audio Input 1
2
6
INL2
Left-Channel Audio Input 2
23
27
IN1/2
Input Select
24
28
24
28
GAIN
Gain Select
27
3
INR1
Right-Channel Audio Input 1
28
4
INR2
Right-Channel Audio Input 2
————
1, 27
3, 5
N.C.
No Connection. Not internally connected.


Similar Part No. - MAX9751EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9751 MAXIM-MAX9751 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results

Similar Description - MAX9751EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com