Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9750CEUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9750CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = HPVDD = 5V, GND = PGND = CPGND = 0V, SHDN = VDD, CBIAS = 1µF, C1 = C2 = 1µF, speaker load ter-
minated between OUT_+ and OUT_-, headphone load terminated between HPOUT_ and GND, MAX9750: GAIN1 = GAIN2 = VOL =
RL = 33k
Ω = GND, MAX9751/MAX9755: GAIN = VDD = IN1/2 = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HEADPHONE AMPLIFIER (HPS = VDD)
Output Offset Voltage
VOS
TA = +25°C
±2
±7mV
HPVDD = 3V to 5.5V, TA = +25°C70
75
f = 1kHz, VRIPPLE = 200mVP-P
73
Power-Supply Rejection Ratio
(Note 3)
PSRR
f = 10kHz, VRIPPLE = 200mVP-P
63
dB
RL = 32
40
50
Output Power
POUT
THD+N = 1%,
f = 1kHz,
TA = +25°C
RL = 16
110
mW
RL = 32
Ω, POUT = 20mW, f = 1kHz
0.007
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 75mW, f = 1kHz
0.03
%
Signal-to-Noise Ratio
SNR
RL = 32
Ω, POUT = 50mW,
BW = 22Hz to 22kHz
95
dB
Noise
Vn
BW = 22Hz to 22kHz
12
µVRMS
Capacitive-Load Drive
CL
No sustained oscillations
200
pF
L to R, R to L, f = 10kHz
88
Crosstalk
Any unselected input to any active input,
f = 10kHz (MAX9751)
88
dB
Slew Rate
SR
0.4
V/µs
ESD
ESD
IEC air discharge
±8
kV
GAIN2 = GAIN = 1, GAIN1 = X
0
Gain
AV
GAIN2 = GAIN = 0, GAIN1 = X
3
dB
CHARGE PUMP
Charge-Pump Frequency
fOSC
500
550
600
kHz
VOLUME CONTROL (MAX9750_)
VOL Input Impedance
RVOL
100
M
VOL Input Hysteresis
10
mV
Full Mute Input Voltage
(Note 4)
0.858 x
HPVDD
V
Channel Matching
AV = -25dB to +13.5dB
±0.2
dB
BEEP INPUT (MAX9750_)
Beep Signal Minimum Amplitude
VBEEP
0.8
VP-P
Beep Signal Minimum Frequency
fBEEP
200
Hz


Similar Part No. - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results

Similar Description - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com