Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ764S-1C-230A Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # AZ764S-1C-230A
Description  16 A SPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ764S-1C-230A Datasheet(HTML) 4 Page - ZETTLER Electronics

  AZ764S-1C-230A Datasheet HTML 1Page - ZETTLER Electronics AZ764S-1C-230A Datasheet HTML 2Page - ZETTLER Electronics AZ764S-1C-230A Datasheet HTML 3Page - ZETTLER Electronics AZ764S-1C-230A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZ764S
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
Breaking capacity [kVA]
0
0,4
0,8
1,2
1,6
2,0
104
105
106
107
Electrical life at 250 VAC, resistive load
2,4
2,8
3,2
3,6
4,0
Power factor
1,0
0,9
0,7
0,8
0,2
0,9
1,0
0,8
0,3
cos
j
F
0,3
0,4
0,5
0,6
0,4
0,5
0,6
0,7
Ncos
= N x F
Electrical life reduction factor at inductive AC load
j
DC voltage [V]
10
20
30
40 50
100
200
300
0,1
0,5
1
2
5
16
10
50
Max. DC resistive load breaking capacity


Similar Part No. - AZ764S-1C-230A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S-1C-230A ZETTLER-AZ764S-1C-230A	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ764S-1C-230A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com