Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ833P2S2-4.5DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ833P2S2-4.5DE
Description  MICROMINIATURE POLARIZED LATCHING RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ833P2S2-4.5DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ833P2S2-4.5DE Datasheet HTML 1Page - ZETTLER Electronics AZ833P2S2-4.5DE Datasheet HTML 2Page - ZETTLER Electronics AZ833P2S2-4.5DE Datasheet HTML 3Page - ZETTLER Electronics AZ833P2S2-4.5DE Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
1 x 105 at 0.5 A, 125 VAC, resistive
2 x 105 at 1.0 A, 30 VDC, resistive
Operate Time (set)
3 ms at nominal coil voltage
(typical)
Release Time (reset)
3 ms at nominal coil voltage
(typical)
(with no coil suppression)
Bounce (typical)
At 10 mA contact current
1 ms at operate or release
Dielectric Strength
See table
(at sea level)
Insulation Resistance
109 ohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
Operational, 35 g, 10–1000 Hz
Shock
Operational, 50 g min., 11 ms
Non-destructive, 150 g min., 11 ms
Max. Solder Temp.
See soldering profile
Temp./Time
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
2.5 grams
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Packing unit in pcs
THT
50 per plastic tube / 1000 per carton box
SMT
400 per reel / 2000 per carton box
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 62.5 VA
Max. switched current: 2.0 A
Max. switched voltage: 220 VDC or 250 VAC
Rated Load
0.25 A at 240 VAC
UL/CSA
0.5 A at 125 VAC
2.0 A at
30 VDC
0.3 A at 110 VDC
Material
Silver nickel gold plated
Silver palladium available upon request
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
AZ833P
MICROMINIATURE
POLARIZED LATCHING
RELAY
FEATURES
• Single and dual coil latching versions
• High dielectric and surge voltage:
2.5 KV surge (per Bellcore TA–NWT–001089)
1.5 KV surge (per FCC Part 68)
1,000 Vrms, open contacts
• Low power consumption: 79 mW pickup
• Stable contact resistance for low level signal switching
• Epoxy sealed
• UL, CUR file E43203
• All plastics meet UL94 V–O, 30 min. oxygen index
COIL (Polarized)
Power
At Pickup Voltage
79 mW (dual coil)
(typical)
39 mW (single coil)
Max. Continuous
1.0 W at 20°C (68°F)
Dissipation
Temperature Rise
At nominal coil voltage
18°C (32°F)
Temperature
Max. 110°C (230°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Specifications subject to change without notice.


Similar Part No. - AZ833P2S2-4.5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P2S2-4.5DE ZETTLER-AZ833P2S2-4.5DE Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results

Similar Description - AZ833P2S2-4.5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com