Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C7V5P Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # BZD27C7V5P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

BZD27C7V5P Datasheet(HTML) 2 Page - Vaishali Semiconductor

  BZD27C7V5P Datasheet HTML 1Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 2Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 3Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 4Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 5Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 6Page - Vaishali Semiconductor BZD27C7V5P Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85810
Rev. 1.8, 13-Apr-05
BZD27C3V6P to BZD27C200P
Vishay Semiconductors
Electrical Characteristics
When used as voltage regulator diodes (TJ = 25 °C unless otherwise noted)
1) Pulse test: tp
≤ 5 ms.
Partnumber
Marking
Code
Working Voltage1)
Differential
Resistance
Temperature
Coefficient
Test
Current
Reverse Current at
Reverse Voltage
VZ @ IZT
rdif @ IZ
α
Z @ IZ
IZT
IR
VR
V
%/°C
mA
µA
V
min
max
typ
max
min
max
max
BZD27C3V6P
D0
3.4
3.8
4
8
-0.14
-0.04
100
100
1
BZD27C3V9P
D1
3.7
4.1
4
8
-0.14
-0.04
100
50
1
BZD27C4V3P
D2
4
4.6
4
7
-0.12
-0.02
100
25
1
BZD27C4V7P
D3
4.4
5
3
7
-0.1
0
100
10
1
BZD27C5V1P
D4
4.8
5.4
3
6
-0.08
0.02
100
5
1
BZD27C5V6P
D5
5.2
6
2
4
-0.04
0.04
100
10
2
BZD27C6V2P
D6
5.8
6.6
2
3
-0.01
0.06
100
5
2
BZD27C6V8P
D7
6.4
7.2
1
3
0
0.07
100
10
3
BZD27C7V5P
D8
7
7.9
1
2
0
0.07
100
50
3
BZD27C8V2P
D9
7.7
8.7
1
2
0.03
0.08
100
10
3
BZD27C9V1P
E0
8.5
9.6
2
4
0.03
0.08
50
10
5
BZD27C10P
E1
9.4
10.6
2
4
0.05
0.09
50
7
7.5
BZD27C11P
E2
10.4
11.6
4
7
0.05
0.1
50
4
8.2
BZD27C12P
E3
11.4
12.7
4
7
0.05
0.1
50
3
9.1
BZD27C13P
E4
12.4
14.1
5
10
0.05
0.1
50
2
10
BZD27C15P
E5
13.8
15.6
5
10
0.05
0.1
50
1
11
BZD27C16P
E6
15.3
17.1
6
15
0.06
0.11
25
1
12
BZD27C18P
E7
16.8
19.1
6
15
0.06
0.11
25
1
13
BZD27C20P
E8
18.8
21.2
6
15
0.06
0.11
25
1
15
BZD27C22P
E9
20.8
23.3
6
15
0.06
0.11
25
1
16
BZD27C24P
F0
22.8
25.6
7
15
0.06
0.11
25
1
18
BZD27C27P
F1
25.1
28.9
7
15
0.06
0.11
25
1
20
BZD27C30P
F2
28
32
8
15
0.06
0.11
25
1
22
BZD27C33P
F3
31
35
8
15
0.06
0.11
25
1
24
BZD27C36P
F4
34
38
21
40
0.06
0.11
10
1
27
BZD27C39P
F5
37
41
21
40
0.06
0.11
10
1
30
BZD27C43P
F6
40
46
24
45
0.07
0.12
10
1
33
BZD27C47P
F7
44
50
24
45
0.07
0.12
10
1
36
BZD27C51P
F8
48
54
25
60
0.07
0.12
10
1
39
BZD27C56P
F9
52
60
25
60
0.07
0.12
10
1
43
BZD27C62P
G0
58
66
25
80
0.08
0.13
10
1
47
BZD27C68P
G1
64
72
25
80
0.08
0.13
10
1
51
BZD27C75P
G2
70
79
30
100
0.08
0.13
10
1
56
BZD27C82P
G3
77
87
30
100
0.08
0.13
10
1
62
BZD27C91P
G4
85
96
60
200
0.08
0.13
5
1
68
BZD27C100P
G5
94
106
60
200
0.09
0.13
5
1
75
BZD27C110P
G6
104
116
80
250
0.09
0.13
5
1
82
BZD27C120P
G7
114
127
80
250
0.09
0.13
5
1
91
BZD27C130P
G8
124
141
110
300
0.09
0.13
5
1
100
BZD27C150P
G9
138
156
130
300
0.09
0.13
5
1
110
BZD27C160P
H0
153
171
150
350
0.09
0.13
5
1
120
BZD27C180P
H1
168
191
180
400
0.09
0.13
5
1
130
BZD27C200P
H2
188
212
200
500
0.09
0.13
5
1
150


Similar Part No. - BZD27C7V5P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD27C7V5P TSC-BZD27C7V5P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
logo
Galaxy Semi-Conductor H...
BZD27C7V5P BILIN-BZD27C7V5P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Pan Jit International I...
BZD27C7V5P PANJIT-BZD27C7V5P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
logo
Shenzhen Luguang Electr...
BZD27C7V5P LUGUANG-BZD27C7V5P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Galaxy Semi-Conductor H...
BZD27C7V5P BILIN-BZD27C7V5P Datasheet
208Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD27C7V5P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com