Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR161SED006 Datasheet(PDF) 4 Page - Fuji Electric

Part # FBR161SED006
Description  POWER RELAY 1 POLE-3, 5, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FBR161SED006 Datasheet(HTML) 4 Page - Fuji Electric

  FBR161SED006 Datasheet HTML 1Page - Fuji Electric FBR161SED006 Datasheet HTML 2Page - Fuji Electric FBR161SED006 Datasheet HTML 3Page - Fuji Electric FBR161SED006 Datasheet HTML 4Page - Fuji Electric FBR161SED006 Datasheet HTML 5Page - Fuji Electric FBR161SED006 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FBR160 SERIES
80% max. 10% min.
210%
Approx.
Approx.
of
of
of
360 mW
30 deg
nominal
nominal
nominal
(at nominal (at nominal
voltage
voltage
voltage
voltage)
voltage)
s COIL RATINGS
1. E (0.36 WATT COIL TYPE)
MODEL
1 Form C type
1 Form A type
Flux free
Plastic sealed
Flux free
Plastic sealed
FBR161SED005 ss FBR161NED005 ss FBR163SED005 ss FBR163SED005 ss
5 VDC
70
71 mA
FBR161SED006 ss FBR161NED006 ss FBR163SED006 ss FBR163SED006 ss
6 VDC
100
60 mA
FBR161SED009 ss FBR161NED009 ss FBR163SED009 ss FBR163SED009 ss
9 VDC
225
40 mA
FBR161SED012 ss FBR161NED012 ss FBR163SED012 ss FBR163SED012 ss
12 VDC
400
30 mA
FBR161SED024 ss FBR161NED024 ss FBR163SED024 ss FBR163SED024 ss
24 VDC
1,600
15 mA
Note: All values in the table are measured at 20
°C.
Nominal
Nominal
Coil
current
Must
Must
Maximum
Nominal
Coil
resistance (at nominal operate
release
allowable
power
temperature
voltage
(
±10%)
voltage)
voltage
voltage
voltage
rise
approx.
75% max. 10% min.
210%
Approx.
Approx.
of
of
of
500 mW
35 deg
nominal
nominal
nominal
(at nominal (at nominal
voltage
voltage
voltage
voltage)
voltage)
2. C (0.5 WATT COIL TYPE)
MODEL
1 Form C type
1 Form A type
Flux free
Plastic sealed
Flux free
Plastic sealed
FBR161SCD005 ss FBR161NCD005 ss FBR163SCD005 ss FBR163SCD005 ss
5 VDC
50
100 mA
FBR161SCD006 ss FBR161NCD006 ss FBR163SCD006 ss FBR163SCD006 ss
6 VDC
72
83 mA
FBR161SCD009 ss FBR161NCD009 ss FBR163SCD009 ss FBR163SCD009 ss
9 VDC
162
56 mA
FBR161SCD012 ss FBR161NCD012 ss FBR163SCD012 ss FBR163SCD012 ss
12 VDC
288
42 mA
FBR161SCD024 ss FBR161NCD024 ss FBR163SCD024 ss FBR163SCD024 ss
24 VDC
1,152
21 mA
FBR161SCD048ss FBR161NCD048 ss FBR163SCD048 ss FBR163SCD048 ss
48 VDC
4,600
10 mA
Note: All values in the table are measured at 20
°C.
Nominal
Nominal
Coil
current
Must
Must
Maximum
Nominal
Coil
resistance (at nominal operate
release
allowable
power
temperature
voltage
(
±10%)
voltage)
voltage
voltage
voltage
rise
approx.


Similar Part No. - FBR161SED006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR161SED006 FUJITSU-FBR161SED006 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
More results

Similar Description - FBR161SED006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com