Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMMC-3104-BLK Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HMMC-3104-BLK
Description  DC-16 GHz Packaged Divide-by-4 Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-3104-BLK Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HMMC-3104-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HMMC-3104-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Supplemental Data
Figure 4. Typical Input Sensitivity Window
Figure 6. Typical Output Voltage Waveform
Figure 8. TypicalPhase Noise Performance
Figure 5. Typical Supply Current & VLogic vs. Supply Voltage
Figure 7. HMMC-3104 Output Power vs. Output Frequency ƒout
(GHz)
Figure 9. Typical “Spitback” Power P(ƒout) appearing at RF Input
Port
02
4
INPUT FREQUENCY, Äin (GHz)
VCC-VEE = +5 V, TA = 25 C
20
10
0
-10
-20
-30
-40
12
8
610
16 18
20
14


Similar Part No. - HMMC-3104-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3102 HP-HMMC-3102 Datasheet
379Kb / 6P
   DC - 16 GHz Packaged Divide-by-2 Prescaler
HMMC-3102-BLK HP-HMMC-3102-BLK Datasheet
379Kb / 6P
   DC - 16 GHz Packaged Divide-by-2 Prescaler
HMMC-3102-TR1 HP-HMMC-3102-TR1 Datasheet
379Kb / 6P
   DC - 16 GHz Packaged Divide-by-2 Prescaler
HMMC-3108 HP-HMMC-3108 Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
HMMC-3108-BLK HP-HMMC-3108-BLK Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
More results

Similar Description - HMMC-3104-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3102 HP-HMMC-3102 Datasheet
379Kb / 6P
   DC - 16 GHz Packaged Divide-by-2 Prescaler
HMMC-3108 HP-HMMC-3108 Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
HMMC-3128 HP-HMMC-3128 Datasheet
638Kb / 8P
   DC-12 GHz Packaged High Efficiency Divide-by-8 Prescaler
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
   5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
   4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
Agilent(Hewlett-Packard...
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
   DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com