Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ833P2-9DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ833P2-9DE
Description  MICROMINIATURE POLARIZED LATCHING RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ833P2-9DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ833P2-9DE Datasheet HTML 1Page - ZETTLER Electronics AZ833P2-9DE Datasheet HTML 2Page - ZETTLER Electronics AZ833P2-9DE Datasheet HTML 3Page - ZETTLER Electronics AZ833P2-9DE Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RELAYS: Bistable, 1 coil
Order Number
Nominal Coil
Set / Reset
Max. Continuous
Coil Resistance
THT
SMT
SMT
VDC
VDC
VDC
Ohm ± 10%
Through Hole
Long
Short
3
2.25
6.5
128
AZ833P1–3DE
AZ833P1S1–3DE
AZ833P1S2–3DE
4.5
3.38
9.8
289
AZ833P1–4.5DE
AZ833P1S1–4.5DE
AZ833P1S2–4.5DE
5
3.75
10.9
357
AZ833P1–5DE
AZ833P1S1–5DE
AZ833P1S2–5DE
6
4.50
13.0
514
AZ833P1–6DE
AZ833P1S1–6DE
AZ833P1S2–6DE
9
6.75
19.6
1,157
AZ833P1P1–9DE
AZ833P1S1–9DE
AZ833P1S2–9DE
12
9.00
26.2
2,057
AZ833P1–12DE
AZ833P1S1–12DE
AZ833P1S2–12DE
24
18.00
52.3
8,228
AZ833P1–24DE
AZ833P1S1–24DE
AZ833P1S2–24DE
2005-08-04
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ833P
RELAY ORDERING DATA
COIL SPECIFICATIONS
STANDARD RELAYS: Bistable, 2 coils
Order Number
Nominal Coil
Set / Reset
Max. Continuous
Coil Resistance
THT
SMT
SMT
VDC
VDC
VDC
Ohm ± 10%
Through Hole
Long
Short
3
2.25
6.5
64.3
AZ833P2–3DE
AZ833P2S1–3DE
AZ833P2S2–3DE
4.5
3.38
9.8
145
AZ833P2–4.5DE
AZ833P2S1–4.5DE
AZ833P2S2–4.5DE
5
3.75
10.9
178
AZ833P2–5DE
AZ833P2S1–5DE
AZ833P2S2–5DE
6
4.50
13.0
257
AZ833P2–6DE
AZ833P2–6DE
AZ833P2S2–6DE
9
6.75
19.6
578
AZ833P2–9DE
AZ833P2S1–9DE
AZ833P2S2–9DE
12
9.00
26.2
1,029
AZ833P2–12DE
AZ833P2S1–12DE
AZ833P2S2–12DE
24
18.00
52.3
4,114
AZ833P2–24DE
AZ833P2S1–24DE
AZ833P2S2–24DE
INITIAL DIELECTRIC STRENGTH (minimum)
SURGE
VRMS, 1 min.
Peak (V)
Rise Time (µS)
Decay Time* (9µS) (1/2 peak)
Between open contacts
1,000
1,500
10
160
Between contact sets
1,000
1,500
2
160
Between coil and contacts
1,800
2,500
2
10
* Decay time measured from beginning of surge.
LOAD LIMIT CURVE
RECOMMENDED SOLDERING PROFILE
V
Convection Soldering


Similar Part No. - AZ833P2-9DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P2-9DE ZETTLER-AZ833P2-9DE Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results

Similar Description - AZ833P2-9DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com