Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412FDY Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG412FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG412FDY Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG412FDY Datasheet HTML 1Page - Maxim Integrated Products DG412FDY Datasheet HTML 2Page - Maxim Integrated Products DG412FDY Datasheet HTML 3Page - Maxim Integrated Products DG412FDY Datasheet HTML 4Page - Maxim Integrated Products DG412FDY Datasheet HTML 5Page - Maxim Integrated Products DG412FDY Datasheet HTML 6Page - Maxim Integrated Products DG412FDY Datasheet HTML 7Page - Maxim Integrated Products DG412FDY Datasheet HTML 8Page - Maxim Integrated Products DG412FDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
5
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Electrical specifications at -40
°C are not production tested and guaranteed by design.
Note 4:
∆RON = ∆RON(MAX) - ∆RON(MIN).
Note 5: Leakage parameters are 100% tested at maximum rated temperature and with dual supplies and guaranteed by design at +25°C.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20 log10 [VCOM/(VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25
°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25
°C
-1
+1
COM_ Leakage Current
(Note 5)
ICOM_
Supplies off, VNO_, VNC_ =
±40V
E
-10
+10
µA
+Fault Output Turn-Off Delay
VNO_, VNC_ = +36V, RL = 1k
E20
ns
+Fault Recovery Time
VNO_, VNC_ = +36V, RL = 1k
E1
µs
SWITCH DYNAMICS
+25
°C
120
250
Turn-On Time
tON
VNO_ or VNC_ = +10V, RL = 300
Ω,
CL = 35pF, Figure 2
E
315
ns
+25
°C
70
125
Turn-Off Time
tOFF
VNO_ or VNC_ = +10V, RL = 300
Ω,
CL = 35pF, Figure 2
E
140
ns
+25
°C
250
Break-Before-Make Time Delay
(DG413F Only) (Note 6)
tBBM
VNO_ or VNC_ = +10V, RL = 100
Ω,
CL = 10pF, Figure 3
E1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0, CL = 1nF,
Figure 4
+25
°C
5pC
LOGIC INPUT
Input Logic High
VIH
E
2.4
V
Input Logic Low
VIL
E
0.8
V
Input Leakage Current
(Note 5)
IIN
VIN_ = 0 or V+
E
-1
+1
µA
POWER SUPPLY
Power-Supply Range
V+
E
+9
+36
V
+25
°C
180
350
All VIN_ = +5V, VCOM_ = +6V
E
450
+25
°C
85
150
V+ Supply Current
I+
All VIN_ = 0 or V+, VCOM_ = +6V
E
250
µA


Similar Part No. - DG412FDY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412FDY MAXIM-DG412FDY Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results

Similar Description - DG412FDY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com