Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ770-1A-5DS Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ770-1A-5DS
Description  SPDT SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ770-1A-5DS Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ770-1A-5DS Datasheet HTML 1Page - ZETTLER Electronics AZ770-1A-5DS Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 106
Electrical
1 x 105 at 5 A 250 VAC Res.
Operate Time (typical)
8 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Surge Voltage
Coil to contact
10,000V (at 1.2x50 µs)
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–50 Hz
Shock
10 g operating, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
4.6 grams
Packing unit in pcs
100 per plastic tray / 1000 per carton box
AZ770
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power:
150 W or 1250 VA
Max. switched current:
5 A
Max. switched voltage: 150 VDC* or 380 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
Form A (N.O.)
UL, CUR
5 A at 250 VAC, Res., 100k cycles
5 A at 30 VDC, Res., 100k cycles
1
/8 HP, 125 / 250 VAC, 100k cycles
3 A at 250 VAC, cos phi 0.4, 100k cycles
C300 Pilot Duty, 125 / 250 VAC, 100k cycles
TV-2, 120 VAC
Form C
3 A at 250 VAC, Res., 100k cycles
3 A at 30 VDC, Res., 100k cycles
VDE
5 A at 250 VAC, Res., 100k cycles at 85°C
Material
Silver nickel, gold plating available
Resistance
< 100 milliohms initially
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
COIL
Power
At Pickup Voltage
253 mW standard coil
(typical)
113 mW sensitive coil
Max. Continuous
1.25 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
41°C (74°F) standard coil
(at nominal voltage)
22°C (40°F) sensitive coil
Temperature
Max. 130°C (266°F)
SPDT SUBMINIATURE
POWER RELAY
FEATURES
• 5 kV dielectric strength, 10 kV surge
• 8mm creepage and clearance
• Proof tracking index (PTI/CTI) 250
• 5 Amp switching (1 Form A: 20A inrush)
• Epoxy sealed version available
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1),
1 Form A: EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211
• VDE file 40006815


Similar Part No. - AZ770-1A-5DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ770-1A-5DS ZETTLER-AZ770-1A-5DS	 Datasheet
52Kb / 3P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ770-1A-5DS AZETTLER-AZ770-1A-5DS Datasheet
119Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
More results

Similar Description - AZ770-1A-5DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ770 ZETTLER-AZ770_14 Datasheet
52Kb / 3P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767 AZETTLER-AZ767 Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ770 AZETTLER-AZ770 Datasheet
119Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767_15 Datasheet
485Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ767 ZETTLER-AZ767 Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ963 ZETTLER-AZ963 Datasheet
67Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com