Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ830-4C-24DEA Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ830-4C-24DEA
Description  4 POLE POLARIZED MINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ830-4C-24DEA Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ830-4C-24DEA Datasheet HTML 1Page - ZETTLER Electronics AZ830-4C-24DEA Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-06-30
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ830 4 POLE
RELAY ORDERING DATA
STANDARD RELAYS: Single Side Stable
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER
VDC
VDC
Ohm ± 10%
VDC
5
9
62.5
3.5
AZ830–4C–5DEA
6
10
90
4.2
AZ830–4C–6DEA
9
16
203
6.3
AZ830–4C–9DEA
12
21
360
8.4
AZ830–4C–12DEA
24
43
1,440
16.8
AZ830–4C–24DEA
48
86
5,760
33.6
AZ830–4C–48DEA
SENSITIVE RELAYS: Single Side Stable
5
12
125
3.5
AZ830–4C–5DSEA
6
15
180
4.2
AZ830–4C–6DSEA
9
23
405
6.3
AZ830–4C–9DSEA
12
30
720
8.4
AZ830–4C–12DSEA
24
60
2,880
16.8
AZ830–4C–24DSEA
48
120
11,520
33.6
AZ830–4C–48DSEA
STANDARD RELAYS: Bistable (Latching) Two Coil
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance ± 10%
Must Operate
ORDER NUMBER
VDC
VDC
Coil I
Coil II
VDC
5
9
69
69
3.5
AZ830P2–4C–5DEA
6
10
100
100
4.2
AZ830P2–4C–6DEA
12
21
400
400
8.4
AZ830P2–4C–12DEA
24
43
1,600
1,600
16.8
AZ830P2–4C–24DEA
48
86
6,400
6,400
33.6
AZ830P2–4C–48DEA
SENSITIVE RELAYS: BISTABLE (Latching) Two Coil
5
10
139
139
3.5
AZ830P2–4C–5DSEA
6
13
200
200
4.2
AZ830P2–4C–6DSEA
12
26
800
800
8.4
AZ830P2–4C–12DSEA
24
52
3,200
3,200
16.8
AZ830P2–4C–24DSE
48
104
12,800
12,800
33.6
AZ830P2–4C–48DSEA
MECHANICAL DATA
WIRING DIAGRAM
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
46
8
13
2
1
11
9
+
+
75
3
10
12
14
SINGLE SIDE STABLE
WATCH FOR POLARITY
BISTABLE (LATCHING) TWO COIL
WATCH FOR POLARITY
Diagrams
show
the
“reset”
position before energized with
polarity as shown
SET
RST
COM
SET
RST
COM
COM
RST
SET
COM
RST
SET
Set Coil
Reset Coil
15
16
46
8
13
1
11
9
+
75
3
10
12
14
N.O.
N.C.
COM
COM
N.C.
N.O.
COM
N.C.
N.O.
16
.019 ± .005
(0.48 ± 0.13)
TYP
.010 ± .005
(0.25 ± 0.13)
TYP
.200
(5.08)
.200
(5.08)
.100
(2.54)
.200
(5.08)
.200
(5.08)
.200
(5.08)
.300
(7.62)
.200
(5.08)
.130
(3.30)
.390
(9.90)
1.39
(35.24)
.044
(1.11) REF
.044
(1.11) REF
.390
(9.90)
.300
(7.62)
.300
(7.62)
.03 DIA
(0.8)
(16 HOLES)
*
*Used on two coil versions only
Two coil versions only
Notch on
top side
(+)
(-)
MAXIMUM SWITCHING CAPACITY
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Voltage
AC Resistive
Load
DC Resistive Load
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ830-4C-24DEA

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ830-4C-24DEA AZETTLER-AZ830-4C-24DEA Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
More results

Similar Description - AZ830-4C-24DEA

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ8304P AZETTLER-AZ8304P Datasheet
69Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com