Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9207-30B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK9207-30B
Description  TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9207-30B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK9207-30B Datasheet HTML 1Page - NXP Semiconductors BUK9207-30B Datasheet HTML 2Page - NXP Semiconductors BUK9207-30B Datasheet HTML 3Page - NXP Semiconductors BUK9207-30B Datasheet HTML 4Page - NXP Semiconductors BUK9207-30B Datasheet HTML 5Page - NXP Semiconductors BUK9207-30B Datasheet HTML 6Page - NXP Semiconductors BUK9207-30B Datasheet HTML 7Page - NXP Semiconductors BUK9207-30B Datasheet HTML 8Page - NXP Semiconductors BUK9207-30B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BUK9207-30B
TrenchMOS™ logic level FET
Rev. 02 — 12 December 2003
Product data
M3D300
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a plastic package using
Philips High-Performance Automotive (HPA) TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT428 package.
s Very low on-state resistance
s Q101 compliant
s 185
°C rated
s Logic level compatible.
s Automotive systems
s 12 V loads
s Motors, lamps and solenoids
s General purpose power switching.
s EDS(AL)S ≤ 329 mJ
s RDSon = 5.9 mΩ (typ)
s ID ≤ 75 A
s Ptot ≤ 167 W.
Table 1:
Pinning - SOT428 (D-PAK), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT428 (D-PAK)
2
drain (d)
[1]
3
source (s)
mb
mounting base;
connected to
drain (d)
MBK091
Top view
13
mb
2
s
d
g
MBB076


Similar Part No. - BUK9207-30B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9207-30B ISC-BUK9207-30B Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9207-30B NEXPERIA-BUK9207-30B Datasheet
962Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03 - 16 June 2010
logo
NXP Semiconductors
BUK9207-30B PHILIPS-BUK9207-30B_15 Datasheet
350Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 03-16 June 2010
More results

Similar Description - BUK9207-30B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com